Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49X0204AWIEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49X0204AWIEX
Description  Low Skew 1 TO 4 Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0204AWIEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49X0204AWIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0204AWIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PI6C49X0204A
Rev C
5/11/2015
PI6C49X0204A
Low Skew 1 TO 4 Clock Buffer
Maximum Ratings
Supply Voltage, VDD ................................... 4.6V
Output Enable and All Outputs ............-0.5 V to VDD+0.5 V
CLK ........................... -0.5 V to 3.6 V (VDD > 0V)
Ambient Operating Temperature (industrial) ....... -40 to +85 °C
Storage Temperature ......................... -65 to +150°C
Junction Temperature................................ 125°C
Soldering Temperature............................... 260°C
ESD Protection (HBM)................................ 2000 V
Note:
Stresses above the ratings listed below can cause
permanent damage to the PI6C49X0204A. Functional
operation of the device at these or any other conditions
above those indicated in the operational sections of the
specifications is not implied.
Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended
operating temperature range.
Recommended Operation Conditions
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (industrial)
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+1.425
+3.6
V
15-0061


Similar Part No. - PI6C49X0204AWIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-AWE PERICOM-PI6C49X0204B-AWE Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204BWIE PERICOM-PI6C49X0204BWIE Datasheet
1Mb / 9P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204BWIEX PERICOM-PI6C49X0204BWIEX Datasheet
1Mb / 9P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results

Similar Description - PI6C49X0204AWIEX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com