Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49X0206TLIE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49X0206TLIE
Description  Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0206TLIE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49X0206TLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0206TLIE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.pericom.com
PI6C49X0206T
Rev B
10/05/2015
PI6C49X0206T
Block Diagram
Description
The PI6C49X0206T is a low skew, 1-to-6 LVCMOS/LVTTL
High Performance Fanout Buffer. The PI6C49X0206T has a
single ended clock input. The single ended clock input accepts
LVCMOS or LVTTL input levels. The PI6C49X0206T features a
pair of LVCMOS/LVTTL outputs. Guaranteed output and part-to-
part skew characteristics make the PI6C49X0206T ideal for clock
distribution applications demanding well defined performance
and repeatibility.
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
Features
Î
Î
6 LVCMOS / LVTTL outputs
Î
Î
LVCMOS / LVTTL clock input accepts LVCMOS or LVTTL
input levels
Î
Î
Maximum output frequency: 250MHz
Î
Î
Part-to-part skew: 250ps (typical)
Î
Î
Full 3.3V, 2.5V, 1.8V operation mode, or 3.3V/ 2.5V/ 1.8V
core with 2.5V, 1.8V, 1.5V supply modes
Î
Î
-40°C to 85°C ambient operating temperature
Î
Î
Lead-Free package fully RoHS compliant
Q0
CLK
Q1
Q2
Q3
Q4
Q5
OE
Pin Assignment
1
CLK
11
12
13
14
4
3
2
Q2
VDDO
Q3
Q1
GND
Q0
OE
7
6
5
GND
Q4
VDD
8
9
10
VDDO
Q5
GND
15-0131


Similar Part No. - PI6C49X0206TLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
PI6C49X0201WIE PERICOM-PI6C49X0201WIE Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
PI6C49X0202WIE PERICOM-PI6C49X0202WIE Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
PI6C49X0202WIEX PERICOM-PI6C49X0202WIEX Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
More results

Similar Description - PI6C49X0206TLIE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
   LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
   Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
83905I RENESAS-83905I Datasheet
694Kb / 22P
   Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com