Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C59S6005 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C59S6005
Description  6 GHz Selectable Fanout Buffer with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C59S6005 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C59S6005 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C59S6005 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
PI6C59S6005 Rev B
10/27/2014
PI6C59S6005
6 GHz Selectable Fanout Buffer with Internal Termination
Average Propagation Delay vs Temperature
Phase Noise Plots
14-0182


Similar Part No. - PI6C59S6005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C59S6005 DIODES-PI6C59S6005 Datasheet
1Mb / 16P
   6GHz Selectable Fanout Buffer
PI6C59S6005ZDIEX DIODES-PI6C59S6005ZDIEX Datasheet
1Mb / 16P
   6GHz Selectable Fanout Buffer
More results

Similar Description - PI6C59S6005

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5916004 PERICOM-PI6C5916004 Datasheet
961Kb / 12P
   6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PI6C5946002 PERICOM-PI6C5946002 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
PI6C5946004 PERICOM-PI6C5946004 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
logo
Diodes Incorporated
PI6C59S6005 DIODES-PI6C59S6005 Datasheet
1Mb / 16P
   6GHz Selectable Fanout Buffer
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com