Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF2335A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWF2335A
Description  Metallized Polypropylene Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2335A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWF2335A Datasheet HTML 1Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 2Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 3Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 4Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 5Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 6Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 7Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 8Page - Panasonic Semiconductor ECWF2335A Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC55−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
(Dimensions : mm)
Cut lead
C
■Packaging Specification for Bulk Package
Packing quantity: 100 pcs./bag
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
–40 ˚C to +105 ˚C
450 VDC (Derating of rated voltage by 1.25%/˚C at more than 85˚C)
Peak to peak voltage applied on the capacitor should be less than
240Vp-p, and zero to peak voltage should be less than 450V.
250 VDC
630 VDC (Derating of rated voltage by 1.0%/˚C at more than 85˚C)
250 VDC
450 VDC
630 VDC
250 VDC
450 VDC
630 VDC
250 VDC
450 VDC
630 VDC
tan
δ≦0.1 % (20 ˚C,1 kHz)
Between terminals:Rated voltage (VDC)×150 % 60 s
Insulation resistance (IR)
0.1 µF to 6.8 µF
0.1 µF to 4.7 µF
0.1 µF to 2.2 µF
±3 %(H), ±5 %(J)
±5 %(J), ±10 %(K)
±5 %(J)
C
≦0.33 µF :IR≧9,000 M
Ω
(20 ˚C, 100 VDC, 60 s)
C0.33 µF :IR
≧3,000 M
Ω・µF
C
≦0.33 µF :IR≧30,000 M
Ω
(20 ˚C, 100 VDC, 60 s)
C0.33 µF :IR
≧10,000 M
Ω・µF
C
≦0.33 µF :IR≧9,000 M
Ω
(20 ˚C, 500 VDC, 60 s)
C0.33 µF :IR
≧3,000 M
Ω・µF
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
55


Similar Part No. - ECWF2335A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2335 PANASONIC-ECWF2335 Datasheet
219Kb / 4P
   Metallized Polypropylene Film Capacitors
ECWF2335 PANASONIC-ECWF2335 Datasheet
100Kb / 3P
   Metallized Polypropylene Film Capacitors
ECWF2335 PANASONIC-ECWF2335 Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2335JA PANASONIC-ECWF2335JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2335MB PANASONIC-ECWF2335MB Datasheet
92Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF2335A

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com