Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACP-010250-C808A0 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-010250-C808A0
Description  Stable over large temperature range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-010250-C808A0 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MACP-010250-C808A0 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-010250-C808A0 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-010250-C808A0 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-010250-C808A0 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MACP-010250-C808A0 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MACP-010250-C808A0 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Coupler 8dB
5 – 1218 MHz
Rev. V2
MACP-010250-C808A0
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0dBm


Similar Part No. - MACP-010250-C808A0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0 Datasheet
125Kb / 4P
   Coupler 8dB
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0 Datasheet
125Kb / 4P
   Coupler 8dB
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0_15 Datasheet
125Kb / 4P
   Coupler
More results

Similar Description - MACP-010250-C808A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-B0 MURATA-CSALS20M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com