Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C557-03AQ Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C557-03AQ
Description  PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-03AQ Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C557-03AQ_14 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C557-03AQ_14 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.pericom.com
PI6C557-03AQ
Rev A
05/22/14
All trademarks are property of their respective owners.
PI6C557-03AQ
PCIe 2.0 Clock Generator with 2 HCSL Outputs for Automotive Applications
Typical PCI Express (HCSL) Waveform
0.175 V
0.52 V
0.175 V
0.52 V
t
OR
t
OF
250 ps
400 ps
800 mV
0
PCI Express Device Routing
RS
R
S
R
T
R
T
PCI-Express
Load or
Connector
L1
L2
L3’
L4
L1’
L2’
L3
L4’
PI6C557-03AQ
Output
Clock
PCI Express Layout Guidelines
Common Recommendations for Differential Routing
Dimension or Value
Unit
L1 length, route as non-coupled 50Ω trace.
0.5 max
inch
L2 length, route as non-coupled 50Ω trace.
0.2 max
inch
L3 length, route as non-coupled 50Ω trace.
0.2 max
inch
RS
33
RT
49.9
Differential Routing on a Single PCB
Dimension or Value
Unit
L4 length, route as coupled microstrip 100Ω differential trace.
2 min to 16 max
inch
L4 length, route as coupled stripline 100Ω differential trace.
1.8 min to 14.4 max
inch
Differential Routing to a PCI Express connector
Dimension or Value
Unit
L4 length, route as coupled microstrip 100Ω differential trace.
0.25 min to 14 max
inch
L4 length, route as coupled stripline 100Ω differential trace.
0.225 min to 12.6 max
inch
14-0076


Similar Part No. - PI6C557-03AQ_14

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-03AQE PERICOM-PI6C557-03AQE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
More results

Similar Description - PI6C557-03AQ_14

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-05Q PERICOM-PI6C557-05Q Datasheet
977Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs for Automotive Applications
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com