Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF2W394A Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECWF2W394A
Description  Metallized Polypropylene Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2W394A Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECWF2W394A Datasheet HTML 2Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 3Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 4Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 5Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 6Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 7Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 8Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 9Page - Panasonic Semiconductor ECWF2W394A Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(Metallized Polypropylene Film)
Permissible Current
Permissible Voltage
Applicable Specifications
Frequency(kHz)
ECWF (A) Type
DC450V series
*Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*P When you use this product, peak voltage must not exceed DC rated voltage.
50
60
70
80
90
100
110
-40
-20
0
20
40
60
80
100
Voltage Derating by Temperature
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
10
1000
2.2uF
1.0uF
0.47uF
0.1uF
0.68u
1.5uF
0.15uF
0.22uF
0.33u
3.3uF
4.7uF
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
0.1uF to 4.7uF
0.1uF to 4.7uF
Permissible Current Derating by Temperature
Temperature of capacitor surface (℃)
Temperature of capacitor surface (℃)
(at sine wave)
Rated
Voltage
Capacitance
(µF)
Code
dV/dt
(V/µs)
Current
(A0-P)
0.10
104
4.2
0.15
154
6.2
0.22
224
9.2
0.33
334
13.7
0.47
474
19.6
0.68
684
16.5
1.00
105
24.3
1.50
155
36.4
2.20
225
53.4
2.20
335
47.2
4.70
475
67.3
DC
450V
41.6
24.3
14.3


Similar Part No. - ECWF2W394A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2W394 PANASONIC-ECWF2W394 Datasheet
100Kb / 3P
   Metallized Polypropylene Film Capacitors
ECWF2W394 PANASONIC-ECWF2W394 Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2W394JA PANASONIC-ECWF2W394JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2W394JAA PANASONIC-ECWF2W394JAA Datasheet
195Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWF2W394A

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com