Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C557-06LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C557-06LE
Description  1:4 HCSL PCIe Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-06LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C557-06LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-06LE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.pericom.com
P-0.1
09/15/10
Alltrademarksarepropertyoftheirrespectiveowners.
PI6C557-06
1:4 HCSL PCIe Buffer
Configuration
Test Load Board Termination for HCSL output
Test Load Board Termination for LVDS output
PI6C557-06
Rs
33 5%
Rs
33 5%
Rp
49.9 1%
Rp
2pF
5%
2pF
5%
49.9 1%
475
1%
Clock
Clock#
PI6C557-06
Ro
100
1%
100
RT
150
1%
RT
150
1%
475
1%
Clock
Clock#
11-0051


Similar Part No. - PI6C557-06LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQZHIEX PERICOM-PI6C557-01BQZHIEX Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BZHIE PERICOM-PI6C557-01BZHIE Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
   PCI Express Clock
More results

Similar Description - PI6C557-06LE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB436 RENESAS-9DB436 Datasheet
398Kb / 18P
   4-Output 3.3V HCSL PCIe Buffer
November 20, 2020
9DB836 RENESAS-9DB836 Datasheet
618Kb / 21P
   8-Output 3.3V HCSL PCIe Buffer
November 20, 2020
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
   1 TO 4 HCSL CLOCK BUFFER
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY75576L MICREL-SY75576L Datasheet
682Kb / 11P
   267MHz 1:4 3.3V HCSL/LVDS Fanout Buffer
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com