Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2405A-1LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2405A-1LE
Description  Zero-Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2405A-1LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2405A-1LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2405A-1LE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8592I
04/29/10
PI6C2405A
Zero Delay Clock Buffer
AC Electrical Characteristics for Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Units
FO
OutputFrequency
30pFload
10
100
MHz
15pFload
10
133
tDC
DutyCycle(1)(-1)
MeasuredatVDD/2,FO<66MHz,30pFload
40
50
60
%
DutyCycle(1)(-1H)
MeasuredatVDD/2,FO<66MHz,30pFload
45
50
55
tR
RiseTime(1)@30pF
Measuredbetween0.8Vand2.0V
2.2
ns
RiseTime(1)@15pF
1.5
RiseTime(1)@30pF(-1H)
1.5
tF
FallTime(1)@30pF
Measuredbetween0.8Vand2.0V
2.2
FallTime(1)@15pF
1.5
FallTime(1)@30pF(-1H)
1.5
tsk(o)
OutputtoOutputskew(-1,
-1H)(1)
Alloutputsequallyloaded
200
ps
t0
Inputtooutputdelay,
CLKINRisingEdgeto
OUT0RisingEdge(1)
MeasuredatVDD/2
0
±300
tSK(D)
Device-to-deviceskew(1)
MeasuredatVDD/2onOUT0pinsofdevice
0
600
tSLEW
Outputslewrate(1)
Measuredbetween0.8Vand2.0Von-1H
deviceusingTestCircuit#2
1
V/ns
tJIT
Cycle-to-CycleJitter
(-1,-1H)
Measuredat66.67MHz,loaded30pFload
200
ps
tLOCK
PLLLocktime(1)
Stablepowersupply,validclockspresented
onCLKINpin
1.0
ms
Notes:
1. SeeSwitchingWaveformsonpage5.
DC Electrical Characteristics for Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Units
VIL
InputLOWVoltage
0.8
V
VIH
InputHIGHVoltage
2.0
IIL
InputLOWCurrent
VIN=0V
50
µA
IIH
InputHIGHCurrent
VIN=VDD
125
VOL
OutputLOWVoltage
IOL=-8mA(-1);IOL=12mA(-1H)
0.4
V
VOH
OutputHIGHVoltage
IOH=-8mA(-1);IOH=-12mA(-1H)
2.4
IDD
SupplyCurrent
Unloadedoutputs100MHz,SelectinputsatVDDorGND
54
mA
Unloadedoutputs66.67MHz,selectinputsatVDDorGND
39
11-0001


Similar Part No. - PI6C2405A-1LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2405A-1LE PERICOM-PI6C2405A-1LE Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2405A-1LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com