Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPG-S22729-350L00 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAPG-S22729-350L00
Description  S-Band 350 W Radar Pulsed Power GaN Pallet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPG-S22729-350L00 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAPG-S22729-350L00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPG-S22729-350L00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPG-S22729-350L00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPG-S22729-350L00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPG-S22729-350L00 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPG-S22729-350L00 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAPG-S22729-350L00 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S-Band 350 W Radar Pulsed Power GaN Pallet
2700 - 2900 MHz
Rev. V4
MAPG-002729-350L00
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Large-Signal Performance Curves
2700 - 2900 MHz, 300 µs Pulse, 10% Duty Cycle, VDD = 50 V, IDQ = 500 mA, PIN = 32 Wpk,
TA = 25°C
Output Power vs. Input Power
Drain Efficiency vs. Frequency
Gain vs. Frequency
Droop vs. Frequency
2FO and 3FO Harmonics vs. Frequency
Return Loss vs. Frequency
100
150
200
250
300
350
400
450
500
10 12 14 16 18 20 22 24 26 28 30 32 34 36
PIN (Wpk)
2.7 GHz
2.8 GHz
2.9 GHz
10
10.5
11
11.5
12
12.5
13
2700
2750
2800
2850
2900
Frequency (MHz)
0.0
0.1
0.2
0.3
0.4
0.5
2700
2750
2800
2850
2900
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
2700
2750
2800
2850
2900
Frequency (MHz)
45
46
47
48
49
50
51
52
2700
2750
2800
2850
2900
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
2700
2750
2800
2850
2900
Frequency (MHz)
2 Fo
3 Fo


Similar Part No. - MAPG-S22729-350L00

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAP MMD-MAP Datasheet
74Kb / 1P
   Industry Standard Package
MAP MMD-MAP Datasheet
111Kb / 2P
   MAP, MAL & MAV Series Oscillator
logo
Mitsumi Electronics, Co...
MAP-AM-265 MITSUMI-MAP-AM-265 Datasheet
225Kb / 1P
   Micro Air Pump Motor
MAP-HD-140 MITSUMI-MAP-HD-140 Datasheet
54Kb / 1P
   Micro Air Pump Motor
logo
Turck, Inc.
MAP-K40 TURCK-MAP-K40 Datasheet
352Kb / 3P
   Capacitive sensor For the food industry
More results

Similar Description - MAPG-S22729-350L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPP-002729-300M00 MA-COM-MAPP-002729-300M00_15 Datasheet
93Kb / 2P
   Radar Pulsed Power Pallet
MAPP-002729-300M00 MA-COM-MAPP-002729-300M00_17 Datasheet
563Kb / 3P
   Radar Pulsed Power Pallet
logo
Microsemi Corporation
1214GN-120E MICROSEMI-1214GN-120E Datasheet
488Kb / 16P
   120W L-Band Radar GaN Power Transistor and Pallet Amplifier
Revision 1.0
logo
M/A-COM Technology Solu...
MAPPST2933-190M MA-COM-MAPPST2933-190M Datasheet
50Kb / 1P
   Radar Pulsed Power Pallet 190W, 2.9-3.3 GHz
MAPP-002729-300M00 MA-COM-MAPP-002729-300M00 Datasheet
93Kb / 2P
   Radar Pulsed Power Pallet 300W, 2.7-2.9 GHz
MAPP-002729-300M00 MA-COM-MAPP-002729-300M00 Datasheet
93Kb / 2P
   Radar Pulsed Power Pallet 300W, 2.7-2.9 GHz
logo
Tyco Electronics
MAPP-002729-300M00 MACOM-MAPP-002729-300M00 Datasheet
110Kb / 2P
   Radar Pulsed Power Pallet 300Wpk, 2.7-2.9GHz, 100關S Pulse, 10% Duty
logo
TriQuint Semiconductor
TGA2818-SM TRIQUINT-TGA2818-SM_15 Datasheet
636Kb / 14P
   S-Band 30 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2817-SM QORVO-TGA2817-SM Datasheet
527Kb / 13P
   S-Band 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2817-SM TRIQUINT-TGA2817-SM_15 Datasheet
595Kb / 13P
   S-Band 60 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com