Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-004100-1193 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-004100-1193
Description  Lower Insertion Loss / Higher Isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-004100-1193 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-004100-1193_14 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193_14 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HMIC™ Silicon SP4T PIN Diode Switch
Rev. V4
MASW-004100-1193
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves:
Isolation vs. Frequency
Insertion Loss vs. Frequency
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0
5
10
15
20
25
30
J2
J3
J4
J5
Frequency (GHz)
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
J2
J3
J4
J5
Frequency (GHz)
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
J2
J3
J4
J5
Frequency (GHz)
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
J2
J3
J4
J5
Frequency (GHz)


Similar Part No. - MASW-004100-1193_14

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-11930G MA-COM-MASW-004100-11930G Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
logo
Tyco Electronics
MASW-004100-11930W MACOM-MASW-004100-11930W Datasheet
237Kb / 6P
   Monolithic PIN SP4T Diode Switch
logo
M/A-COM Technology Solu...
MASW-004100-11930W MA-COM-MASW-004100-11930W Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
More results

Similar Description - MASW-004100-1193_14

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
   Loss Insertion Loss
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
Pasternack Enterprises,...
PE91169 PASTERNACK-PE91169 Datasheet
372Kb / 3P
   Maximum Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com