Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGRA4007-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CGRA4007-HF
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRA4007-HF Datasheet(HTML) 4 Page - Comchip Technology

  CGRA4007-HF Datasheet HTML 1Page - Comchip Technology CGRA4007-HF Datasheet HTML 2Page - Comchip Technology CGRA4007-HF Datasheet HTML 3Page - Comchip Technology CGRA4007-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-JG009
Comchip Technology CO., LTD.
Page 4
REV:A
Case Type
Qty Per Reel
(Pcs)
5,000
Reel Size
(inch)
13
DO-214AC (SMA)
Part Number
CGRA4001-HF
Marking Code
CGRA4002-HF
CGRA4003-HF
Standard Packaging
Marking Code
CGRA4004-HF
CGRA4005-HF
CGRA4006-HF
CGRA4007-HF
4001
4002
4003
4004
4005
4006
4007
C
XXXX
C:Comchip Logo
XXXX : Product Type Marking Code
A:Package
A
SMD General Purpose Rectifiers
Suggested PAD Layout
B
C
A
D
SIZE
(inch)
0.065 Max.
(mm)
1.66 Max.
2.08 Min.
2.08 Min
0.082 Min.
0.082 Min.
5.80 REF.
0.228 REF.
B
C
D
A
DO-214AC (SMA)
Cathode Mark
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CGRA4007-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRA4007-G COMCHIP-CGRA4007-G Datasheet
47Kb / 2P
   SMD General Purpose Rectifiers
More results

Similar Description - CGRA4007-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com