Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGRAW4007-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CGRAW4007-HF
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRAW4007-HF Datasheet(HTML) 4 Page - Comchip Technology

  CGRAW4007-HF Datasheet HTML 1Page - Comchip Technology CGRAW4007-HF Datasheet HTML 2Page - Comchip Technology CGRAW4007-HF Datasheet HTML 3Page - Comchip Technology CGRAW4007-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-JG011
Comchip Technology CO., LTD.
Page 4
REV:A
Part Number
CGRAW4007-HF
Marking Code
Standard Packaging
Marking Code
M7G
M7G
SMD General Purpose Rectifiers
Suggested PAD Layout
A
B
C
E
D
SIZE
(inch)
0.143
(mm)
3.62
1.96
2.04
0.077
0.080
5.58
0.220
E
1.66
0.065
B
C
D
A
SMA-W
SMA-W
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Company reserves the right to improve product design , functions and reliability without notice.
= Cathod band


Similar Part No. - CGRAW4007-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRA151 COMCHIP-CGRA151 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRA152 COMCHIP-CGRA152 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRA153 COMCHIP-CGRA153 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRA154 COMCHIP-CGRA154 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
CGRA155 COMCHIP-CGRA155 Datasheet
63Kb / 2P
   SMD Genenal Purpose Rectifier
More results

Similar Description - CGRAW4007-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com