Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC270MS8G Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC270MS8G
Description  GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC270MS8G Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC270MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
14 - 147
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
-5
-4
-3
-2
-1
0
012
3
456
7
8
9
RF1
RF2
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012
3
456
7
8
9
RFC
RF1,2 On
RF1,2 Off
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC270MS8G
Return Loss
Insertion Loss
Isolation
v02.0701
GaAs MMIC SPDT SWITCH
NON-REFLECTIVE, DC - 8.0 GHz
-70
-60
-50
-40
-30
-20
-10
0
012
3
456
7
8
9
RF1
RF2
FREQUENCY (GHz)
0.1 and 1 dB Input Compression Point
Input Third Order Intercept Point
18
19
20
21
22
23
24
25
26
012
3
456
7
8
9
1 dB Compression Point
0.1 dB Compression Point
FREQUENCY (GHz)
25
30
35
40
45
012
3
456
7
8
9
FREQUENCY (GHz)
Truth Table
Control Voltages
RFC, RF1, & RF2 should be at <100 mV DC potential.
Otherwise, DC blocking capacitors are recommended.
Choose value for lowest frequency of operation.
Do not “HOT” switch power levels >+13 dBm (Vctl = 0/-5Vdc)
Control Input
Signal Path State
A
B
RFC to RF1
RFC to RF2
High
Low
ON
OFF
Low
High
OFF
ON
State
Bias Condition
Low
0 to -0.2V @ 10 uA Typ.
High
-5V @ 35 uA Typ. to -7V @ 100 uA Typ (±0.5 Vdc)


Similar Part No. - HMC270MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8GETR HITTITE-HMC270MS8GETR Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G_07 Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
More results

Similar Description - HMC270MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G_07 Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344 Datasheet
167Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com