Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC272MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC272MS8
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC272MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC272MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC272MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
12 - 102
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC272MS8
v01.0801
General Description
Features
Functional Diagram
Ultra Small Package: MSOP8
LO / RF Isolation: 32 dB
IP3 (Input): +20 dBm
Electrical Specifications, T
A = +25° C, As a Function of IF Frequency
Typical Applications
The HMC272MS8 is ideal for:
• Up or Down Converter for PCS
• W-CDMA
• 2.4 GHz ISM
• MMDS
The HMC272MS8 is an ultra miniature single bal-
anced mixer in an 8 lead plastic surface mount
Mini Small Outline Package (MSOP). This pas-
sive MMIC mixer is constructed of GaAs Schottky
diodes and a novel planar transformer balun on
the chip. The RF port is balanced via the MMIC
balun while the LO port is connected directly to
the diodes. The consistent MMIC performance
will improve system operation and assure regula-
tory compliance.
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3 GHz
Parameter
LO = +10 dBm
IF = 100 MHz
LO = +10 dBm
IF = 400 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
2 - 3
1.7 - 2.8
GHz
Frequency Range, IF
DC - 0.8
DC - 0.8
GHz
Conversion Loss
9
10.5
9
11
dB
Noise Figure (SSB)
9
10.5
9
11
dB
LO to RF Isolation
22
30
24
32
dB
LO to IF Isolation
12
20
11
18
dB
IP3 (Input)
17
21
16
20
dBm
1 dB Compression (Input)
8
11
7
10
dBm


Similar Part No. - HMC272MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
HMC272MS8 HITTITE-HMC272MS8_01 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
More results

Similar Description - HMC272MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com