Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDH8V0U-A2HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDH8V0U-A2HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDH8V0U-A2HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDH8V0U-A2HF Datasheet HTML 1Page - Comchip Technology CPDH8V0U-A2HF Datasheet HTML 2Page - Comchip Technology CPDH8V0U-A2HF Datasheet HTML 3Page - Comchip Technology CPDH8V0U-A2HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
..... ..
.......
End
Start
D1
D2
D
W1
T
C
Index hole
d
E
F
W
A
P
P0
P1
B
Polarity
B
C
d
D
D2
D1
SOD-523
SYMBOL
(mm)
(inch)
2.142 ± 0.016
2.00 ± 0.05
1.50 + 0.10
54.40 ± 0.40
13.00 ± 0.20
4.00 ± 0.10
2.00 ± 0.05
178 ± 1.00
0.059 0.004
+
7.008 ± 0.039
0.512 ± 0.008
SYMBOL
(mm)
(inch)
0.079 ± 0.002
0.158 ± 0.004
0.079 ± 0.002
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ± 0.002
SOD-523
0.90 ± 0.05
0.035 ± 0.002
1.95 ± 0.05
0.077 ± 0.002
0.73 ± 0.05
0.029 ± 0.002
9.40 ± 1.50
0.370 ± 0.059
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
A
Reel Taping Specification
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
QW-JP044
SMD ESD Protection Diode
60mm minimum or
300 empty pockets
30mm minimum or
150 empty pockets
Page 3
REV: C


Similar Part No. - CPDH8V0U-A2HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDH-5V0C-HF COMCHIP-CPDH-5V0C-HF Datasheet
94Kb / 4P
   SMD ESD Protection Diode
CPDH3-5V0U COMCHIP-CPDH3-5V0U Datasheet
158Kb / 4P
   SMD ESD Protection Diode
CPDH3-5V0U COMCHIP-CPDH3-5V0U Datasheet
96Kb / 4P
   SMD ESD Protection Diode
CPDH3-5V0U-HF COMCHIP-CPDH3-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDH3-5V0U COMCHIP-CPDH3-5V0U_12 Datasheet
96Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDH8V0U-A2HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com