Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009359 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009359
Description  GaAs Broadband High Power SP3T Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009359 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-009359_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009359_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009359_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009359_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009359_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009359_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
Rev. V1
MASW-009359
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves vs. Control Voltage:
Z0 = 50 Ω, 1000 pF Blocking and decoupling caps
Input P0.1dB vs. Control Voltage
Input IP3 vs. Control Voltage
Input IP2 vs. Control Voltage
2nd Harmonic vs. Control Voltage
3rd Harmonic vs. Control Voltage
55
60
65
70
75
80
85
90
95
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
50
55
60
65
70
75
80
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
90
95
100
105
110
115
120
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
55
60
65
70
75
80
85
90
95
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
28
30
32
34
36
38
40
42
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)


Similar Part No. - MASW-009359_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009359-001SMB MA-COM-MASW-009359-001SMB Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359-TR3000 MA-COM-MASW-009359-TR3000 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
More results

Similar Description - MASW-009359_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
   GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
RF Micro Devices
RF1603A RFMD-RF1603A Datasheet
572Kb / 10P
   BROADBAND HIGH POWER SP3T SWITCH
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
   BROADBAND LOW POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com