Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP161G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP161G
Description  TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP161G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP161G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP161G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP161G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP161G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP161G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP161G
2014-09-22
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF / °C
−0.7
mA / °C
Peak forward current (100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
−state output terminal voltage
VDRM
400
V
On
−state RMS current
Ta=25°C
IT(RMS)
70
mA
Ta=70°C
40
On
−state current derating (Ta ≥ 25°C)
∆IT / °C
−0.67
mA / °C
Peak on
−state current (100μs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current
(PW=10ms)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1minute, R.H. ≤ 60%)
(Note)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc.).
(Note) Device considered a two terminal device: Pins 1 and 3 shorted together and pins 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak on
−state current
ITP
1
A
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Similar Part No. - TLP161G_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP161G_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP666L-S TOSHIBA-TLP666L-S Datasheet
228Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com