Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP265J Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP265J
Description  Photocouplers GaAs Infrared LED and Photo Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP265J Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP265J Datasheet HTML 1Page - Toshiba Semiconductor TLP265J Datasheet HTML 2Page - Toshiba Semiconductor TLP265J Datasheet HTML 3Page - Toshiba Semiconductor TLP265J Datasheet HTML 4Page - Toshiba Semiconductor TLP265J Datasheet HTML 5Page - Toshiba Semiconductor TLP265J Datasheet HTML 6Page - Toshiba Semiconductor TLP265J Datasheet HTML 7Page - Toshiba Semiconductor TLP265J Datasheet HTML 8Page - Toshiba Semiconductor TLP265J Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLP265J
4
9.
9.
9.
9. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
Peak off-state current
Peak on-state voltage
Holding current
Critical rate of rise of off-state
voltage
Critical rate of rise of
commutating voltage (dv/dt)
Symbol
VF
IR
Ct
IDRM
VTM
IH
dv/dt
dv/dt(c)
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VDRM = 600 V
ITM = 70 mA
Vin = 240 V, Ta = 85 
See Fig. 9.1
Vin = 60 Vrms, IT = 15 mA
See Fig. 9.1
Min
1.0
Typ.
1.27
30
10
1.7
1.0
500
0.2
Max
1.4
10
1000
2.8
Unit
V
µA
pF
nA
V
mA
V/µs
Fig.
Fig.
Fig.
Fig. 9.1
9.1
9.1
9.1 dv/dt Test Circuit
dv/dt Test Circuit
dv/dt Test Circuit
dv/dt Test Circuit
10.
10.
10.
10. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Turn-on time
Symbol
IFT
ton
Note
Test Condition
VT = 6 V
VD = 6 → 4 V, RL = 100 Ω,
IF = Rated IFT × 1.5 mA
Min
Typ.
Max
10
100
Unit
mA
µs
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to
output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 60 s
AC, 1 s, in oil
DC, 60 s, in oil
Min
1 × 1012
3750
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
2015-03-13
Rev.6.0


Similar Part No. - TLP265J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
   TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP2601 TOSHIBA-TLP2601 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP260J TOSHIBA-TLP260J Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
More results

Similar Description - TLP265J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP268J TOSHIBA-TLP268J Datasheet
403Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP266J TOSHIBA-TLP266J_15 Datasheet
410Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3073 TOSHIBA-TLP3073 Datasheet
473Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP267J TOSHIBA-TLP267J Datasheet
371Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3083 TOSHIBA-TLP3083 Datasheet
498Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP665L TOSHIBA-TLP665L Datasheet
541Kb / 18P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
   Photocouplers Infrared LED & Photo Transistor
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
   Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com