Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009482-001SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009482-001SMB
Description  GaAs Broadband High Power SP3T Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009482-001SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-009482-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-009482-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
Rev. V1
MASW-009482
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Application Schematic 10,11
GND
RF1
V1
V3
RF3
GND
1
12
VC3
VC1
VC2
10. The exposed pad centered on the package bottom must be
connected to ground to ensure a good thermal path.
11. All blocking and decoupling capacitors = 1000 pF
Lead-Free 2mm STQFN-12LD-0.5 mm Pitch
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
NOTE: ALL DIMENSIONS SHOWN AS in/mm.


Similar Part No. - MASW-009482-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009482-001SMB MA-COM-MASW-009482-001SMB Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
More results

Similar Description - MASW-009482-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
RF Micro Devices
RF1603A RFMD-RF1603A Datasheet
572Kb / 10P
   BROADBAND HIGH POWER SP3T SWITCH
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
   BROADBAND LOW POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com