Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP665LF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP665LF
Description  Photocouplers GaAs Infrared LED and Photo Triac
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665LF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP665LF Datasheet HTML 1Page - Toshiba Semiconductor TLP665LF Datasheet HTML 2Page - Toshiba Semiconductor TLP665LF Datasheet HTML 3Page - Toshiba Semiconductor TLP665LF Datasheet HTML 4Page - Toshiba Semiconductor TLP665LF Datasheet HTML 5Page - Toshiba Semiconductor TLP665LF Datasheet HTML 6Page - Toshiba Semiconductor TLP665LF Datasheet HTML 7Page - Toshiba Semiconductor TLP665LF Datasheet HTML 8Page - Toshiba Semiconductor TLP665LF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLP665L,TLP665LF
1
Photocouplers GaAs Infrared LED & Photo Triac
TLP665L,TLP665LF
TLP665L,TLP665LF
TLP665L,TLP665LF
TLP665L,TLP665LF
Start of commercial production
2014-11
1.
1.
1.
1. Applications
Applications
Applications
Applications
Solid-State Relays
Triac Drivers
Home Electric Appliances
Office Equipment
2.
2.
2.
2. General
General
General
General
The TLP665L consists of a non zero crossing photo triac, optically coupled to a gallium arsenide infrared emitting
diode. The TLP665L is housed in the DIP6 package and guarantees insulation thickness of 0.5 mm (min).
Therefore, the TLP665L meets the reinforced insulation class requirements of international safety standards.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Peak off-state voltage: 800 V (min)
(2)
Non zero crossing functionary (NZC)
(3)
Trigger LED current: 10 mA (max)
(4)
On-state current: 100 mA (max)
(5)
Isolation voltage: 5000 Vrms (min)
(6)
Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
CQC-approved: GB4943.1, GB8898
VDE-approved: Option (D4) EN60747-5-5 (Note)
(Note)
(Note)
(Note)
Maximum operating insulation voltage: 890 Vpeak / 1140 Vpeak (Note1)
(Note1)
(Note1)
(Note1)
Highest permissible overvoltage: 8000 Vpeak
Note:
When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
Note1: When maximum operating insulation voltage 1140 Vpeak is needed, please designate the TLP665LF
TLP665LF
TLP665LF
TLP665LF.
Table
Table
Table
Table 3.1
3.1
3.1
3.1 Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62 mm Pitch
TLP665L
7.0 (min)
7.0 (min)
0.5 (min)
10.16 mm Pitch
TLP665LF
8.0 (min)
8.0 (min)
0.5 (min)
Unit
mm
Table
Table
Table
Table 3.2
3.2
3.2
3.2 Trigger LED Current (Note) (Unless otherwise specified, T
Trigger LED Current (Note) (Unless otherwise specified, T
Trigger LED Current (Note) (Unless otherwise specified, T
Trigger LED Current (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Rank
None
(IFT7)
IFT Rank
Marking
None
7
Test Condition
VT = 6 V
VT = 6 V
Trigger LED Current IFT
(min)
Trigger LED Current IFT
(max)
10
7
Unit
mA
Note:
Specify both the part number and a rank in this format when ordering.
Example: TLP665L (IFT7)
For safety standard certification, however, specify the part number alone.
Example: TLP665L
2014-11-07
Rev.1.0


Similar Part No. - TLP665LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP665J TOSHIBA-TLP665J Datasheet
220Kb / 6P
   Household Use Equipment
TLP665JF TOSHIBA-TLP665JF Datasheet
96Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665JF TOSHIBA-TLP665JF Datasheet
152Kb / 2P
   Household Use Equipment
More results

Similar Description - TLP665LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP265J TOSHIBA-TLP265J Datasheet
411Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP268J TOSHIBA-TLP268J Datasheet
403Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP266J TOSHIBA-TLP266J_15 Datasheet
410Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3073 TOSHIBA-TLP3073 Datasheet
473Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP267J TOSHIBA-TLP267J Datasheet
371Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3083 TOSHIBA-TLP3083 Datasheet
498Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
   Photocouplers Infrared LED & Photo Transistor
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
   Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com