Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-010647-13950G Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010647-13950G
Description  20 W HMIC Silicon PIN Diode Terminated SPDT Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010647-13950G Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-010647-13950G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
20 W HMIC Silicon PIN Diode Terminated SPDT Switch
8.0 - 10.5 GHz
Rev. V2
MASW-010647
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
All dimensions shown in microns (µm).
Thickness is 125 + 10 µm.
7. Most switches will not have the alignment marks pictured above. Switches with alignment marks have the same quality and reliability
rating as switches without the alignment marks and cannot be returned as defective.
Alignment Marks7
Outline Drawing
Insertion Loss vs. Bias Voltage
9.5 GHz, 43 dBm CW
Insertion Loss vs. CW Power
9.5 GHz, -30 V
-1.4
-1.2
-1.0
-0.8
-0.6
0
5
10
15
20
25
30
+25°C
+85°C
Bias Voltage (V)
Typical Measured Large Signal Performance
-1.0
-0.9
-0.8
-0.6
-0.5
35
36
37
38
39
40
41
42
43
44
+25°C
+85°C
Input Power (dBm)


Similar Part No. - MASW-010647-13950G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010647 MA-COM-MASW-010647 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
More results

Similar Description - MASW-010647-13950G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010647 MA-COM-MASW-010647 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW010647 MA-COM-MASW010647_15 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW-011071 MA-COM-MASW-011071 Datasheet
486Kb / 6P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
558Kb / 8P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-002103-1363 MA-COM-MASW-002103-1363_14 Datasheet
1Mb / 10P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com