Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-010647-13950G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010647-13950G
Description  20 W HMIC Silicon PIN Diode Terminated SPDT Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010647-13950G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-010647-13950G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-010647-13950G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
20 W HMIC Silicon PIN Diode Terminated SPDT Switch
8.0 - 10.5 GHz
Rev. V2
MASW-010647
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
(-5 V3 / 0 mA Bias)
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
0.70
0.70
0.75
0.85
0.9
1.0
1.1
Input to Output Isolation
(+5 V / 55 mA Bias)
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
32
34
35
33
35
37
39
Input Return Loss
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
19
17
13
25
28
24
18
Return Loss (Termination)
(+5 V / 55 mA Bias)
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
12
12
14
18
31
14
Input IP3
10 GHz, +20 dBm,
10 & 100 MHz spacing
dBm
>60
Switching Speed4
10 GHz, +/- 4 V, PW 500 ns,
50% duty cycle
ns
130
Electrical Specifications: TA = +25°C, Z0 = 50 Ω, PIN = 0 dBm (unless otherwise noted)
3. R. Caverly and G. Hiller, “Establishing the Minimum Reverse Bias for a P-I-N Diode in a High Power Switch,” IEEE Transactions on
Microwave Theory and Techniques, Vol.38, No.12, December 1990
4. Typical switching speed measured from 10% to 90 % of detected RF signal driven by TTL compatible drivers. MACOM recommends the
MADR-007097, Complementary Channel TTL PIN Diode Driver.
DC Control Voltages
(DC Currents)
Condition of
RF Output
B2
B3
J1-J2
J1-J3
-5 V3
(0 mA)
+5 V
(55 mA typ.)
Low Loss
Isolation
+5 V
(55 mA typ.)
-5 V3
(0 mA)
Isolation
Low Loss
Driver Connections
Bias Control3
Optimal operation is achieved by simultaneous
application of negative DC voltage to the low loss
switch path and positive DC voltage to the isolating
switch path.
In the low loss path, the diodes are reverse biased.
In the isolating path, the diodes are forward biased.
Minimum Reverse Bias Required:
At X-Band, with a 1:1 match, 5 V of reverse bias is
required. With a 4:1 match, 10 V of reverse bias is
required.
However MACOM recommends 30 V of reverse bias
to achieve optimal operating conditions.


Similar Part No. - MASW-010647-13950G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010647 MA-COM-MASW-010647 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
More results

Similar Description - MASW-010647-13950G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010647 MA-COM-MASW-010647 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW010647 MA-COM-MASW010647_15 Datasheet
769Kb / 5P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW-011071 MA-COM-MASW-011071 Datasheet
486Kb / 6P
   20 W HMIC Silicon PIN Diode Terminated SPDT Switch
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
558Kb / 8P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-002103-1363 MA-COM-MASW-002103-1363_14 Datasheet
1Mb / 10P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com