Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAUC-010515-000000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAUC-010515-000000
Description  Lead-Free 6 mm Laminate Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAUC-010515-000000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAUC-010515-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Up Converter
40.5 - 43.5 GHz
Rev. V5
MAUC-010515
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
App Note [1] Biasing - As shown in the Pin Designations table, the device is operated by biasing VD1, VD2, and
VD3 at 4 V. The corresponding drain currents are set to 90 mA, 90 mA, and 120 mA respectively. VG4 requires a
fixed voltage bias of nominally -3 V. It is recommended to use active bias on VG1 and VG2 to keep the currents in
VD1 and VD2 constant, in order to maintain the best performance over temperature. The LO multiplier can be
operated with either a fixed gate VG3 > -0.6 V or fixed current 120 mA. In either scenario the performance of the
part should be the same. Depending on the supply voltages available and the power dissipation constraints, the
bias circuits may include a single transistor or a low power operational amplifier, with a low value resistor in series
with the drain supply to sense the current. Make sure to sequence the applied voltage to ensure negative gate
bias is available before applying the positive drain supply.
App Note [2] I/Q versus I*/Q* - The IF input to the typical configuration is through a 90° hybrid coupler. The
hybrid splits the IF input into inphase and quadrature phase components. These two signals enter the
MAUC-010515 on either the I/Q pair, or the I*/Q* complimentary pair. Whichever pair are not used must be
terminated into 50 Ω. There are subtle differences between the performance when using the main IF ports (I, Q)
versus the complimentary ports (I*, Q*). For highest gain, best image rejection and lowest noise figure, the main
IF ports (I, Q) should be used.


Similar Part No. - MAUC-010515-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAUC-010515-000000 MA-COM-MAUC-010515-000000 Datasheet
1Mb / 8P
   11 dB Conversion Gain
More results

Similar Description - MAUC-010515-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736_15 Datasheet
579Kb / 6P
   Lead-Free 6 mm Laminate Package
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
MAMF-011038 MA-COM-MAMF-011038 Datasheet
889Kb / 8P
   Lead Free 2 mm 12-lead STQFN package
MAAP-011247 MA-COM-MAAP-011247 Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Kingboard Laminates Hol...
KB-616XF KINGBOARD-KB-616XF Datasheet
148Kb / 1P
   Copper clad epoxy fiberglass cloth laminate (lead-free series)
logo
STMicroelectronics
ESDA6V1-5T6 STMICROELECTRONICS-ESDA6V1-5T6 Datasheet
172Kb / 11P
   Lead-free and RoHS package
March 2011 Rev 2
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003 Datasheet
748Kb / 5P
   Lead-Free Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com