Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC287MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC287MS8
Description  GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC287MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC287MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC287MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC287MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC287MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC287MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC287MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
8 - 29
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
1.6
1.8
2
2.2
2.4
2.6
2.8
3
S21
S11
S22
FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
20
25
2.2
2.3
2.4
2.5
2.6
FREQUENCY (GHz)
0V
1.2V
1.8V
2.4V
3V
10
15
20
25
30
2.2
2.3
2.4
2.5
2.6
+ 85 C
-40 C
+25 C
FREQUENCY (GHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.2
2.3
2.4
2.5
2.6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+85 C
-40 C
+25 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
2.2
2.3
2.4
2.5
2.6
+85 C
-40 C
+25 C
FREQUENCY (GHz)
HMC287MS8
Gain vs. Temperature, Vctl = 0V
v01.0701
Gain Over Control Voltage Range
Output Return Loss
vs. Temperature, Vctl = 0V
Broadband Gain
& Return Loss, Vctl = 0V
Noise Figure
vs. Temperature, Vctl = 0V
Input Return Loss
vs. Temperature, Vctl = 0V
GaAs MMIC LOW NOISE AMPLIFIER
with AGC, 2.3 - 2.5 GHz


Similar Part No. - HMC287MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC287MS8 HITTITE-HMC287MS8 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8 Datasheet
287Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8E HITTITE-HMC287MS8E Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_05 Datasheet
287Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
More results

Similar Description - HMC287MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC287MS8 HITTITE-HMC287MS8_05 Datasheet
287Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G Datasheet
217Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G_09 Datasheet
214Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5 - 6 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
logo
Analog Devices
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com