Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPT2022-SMBPPR Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2022-SMBPPR
Description  GaN Wideband Transistor 48 V, 100 W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2022-SMBPPR Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT2022-SMBPPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. NPT2022-SMBPPR Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GaN Wideband Transistor 48 V, 100 W
DC - 2 GHz
Rev. V1
NPT2022
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
2-Tone IMD vs. Output Power
2-Tone IMD3 vs. Output Power vs. Quiescent Current
2-Tone Gain vs. Output Power vs. Quiescent Current
Typical 2-Tone performance as measured in the 900 MHz evaluation board:
1 MHz Tone Spacing, VDS = 48 V, IDQ = 600 mA, TC = 25°C (unless noted)
-50
-45
-40
-35
-30
-25
-20
-15
1
10
100
450mA
600mA
750mA
900mA
1050mA
P
OUT (W-PEP)
-55
-50
-45
-40
-35
-30
-25
-20
-15
1
10
100
-IMD3
+IMD3
-IMD5
+IMD5
-IMD7
+IMD7
P
OUT (W-PEP)
500
19.5
20.0
20.5
21.0
21.5
22.0
22.5
1
10
100
450mA
600mA
750mA
900mA
1050mA
P
OUT (W-PEP)
500


Similar Part No. - NPT2022-SMBPPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022 Datasheet
2Mb / 10P
   Gallium Nitride 48V, 100W, DC-2 GHz HEMT
NPT2022 MA-COM-NPT2022 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
More results

Similar Description - NPT2022-SMBPPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
   GaN Wideband Transistor 48 V, 50 W
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
   35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
QPD2195 TRIQUINT-QPD2195 Datasheet
1Mb / 12P
   400 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
logo
Qorvo, Inc
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
   45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com