Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E13-00E0 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # E13-00E0
Description  Snap Action Switch Single Pole General Purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

E13-00E0 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  E13-00E0 Datasheet HTML 1Page - Cherry Semiconductor Corporation E13-00E0 Datasheet HTML 2Page - Cherry Semiconductor Corporation E13-00E0 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.cherryswitches.com
Page 1 of 3, Last update 2015-04-08, Specifications subject to change without notice.
Snap Action Switch
Single Pole General Purpose
E13, E14, G13
Features
Typical Applications
Choice of 3 current ratings
Long life coil spring, snap action mechanism
Agency approved extended life versions available
RoHS compliant
High temperature versions available – contact factory
Household appliances
Automated assembly lines
Brake switch on utility vehicles
Industrial and accessible door openers
Vending machines
Part Number Breakdown
E13-00E0
Example: E13-00E0 is a 15 A, normally open SPDT pole switch with a standard ratio button
actuator.
Series Type
Type
1
Circuitry
Actuator
1
E13
Single pole
15 A
0
Standard ratio actuator
or button
0
Double Throw
A
Button for E14
E14
Single pole
25 A
5
High ratio actuator
1
Normally Open
E
Button for E13
G13
Single pole
0.1 A
2
Normally Closed
H
Lever
J
Button with ferrule
1Actuator Type 5 only available with H and K actuators
K
Roller
M
Button with extra
over-travel and
ferrule
Electrical Specifications per UL1054
E13
2
6000 operations; 100,000 available – contact factory
15 A, 125 / 250 VAC
¾ HP, 125 VAC / 1 ½ HP, 250 VAC
22 A, 48 VDC
E14
2
6000 operations
25 A, 125 / 250 VAC
1 HP, 125 VAC / 2 HP, 250 VAC
22 A, 48 VDC
G13
100,000 operations
0.1 A, 125 VAC
0.1 A, 30 VDC
2DC ratings to 105 ⁰C (221 ⁰F) only
Commonly Stocked Distributor Parts
E13-00E0
E13-00M0
E14-00A0
E14-01M0
E13-00H0
E13-01E0
E14-00H0
E14-50H0
E13-00J0
E13-01H0
E14-00K0
G13-00M0
E13-00K0
E13-50H0
E14-00M0
G13-50H0
Notes:
Part numbers with a leading 0 are functionally no different than without a leading 0 (ex.: 0E13-00E0 is the same switch as E13-00E0).
Quick-connect terminals are standard; for custom screw terminals, contact the factory or your distributor.
For configurable part numbers not listed above or for custom part numbers, contact the factory or your distributor


Similar Part No. - E13-00E0

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E13-00E0 ZFSWITCHES-E13-00E0 Datasheet
307Kb / 3P
   Single Pole General Purpose
More results

Similar Description - E13-00E0

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
   Snap Action Switch Double Pole General Purpose
logo
Omron Electronics LLC
V-15-1C25-K OMRON-V-15-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15-3C6-K OMRON-V-15-3C6-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Omron Electronics LLC
A20GDB7K OMRON-A20GDB7K Datasheet
940Kb / 8P
   General-purpose Snap Action Switch
V10G11C24K OMRON-V10G11C24K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Omron Electronics LLC
V151C25K OMRON-V151C25K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-153-1C25 OMRON-V-153-1C25 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com