Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCA2ALA2LBB Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # KCA2ALA2LBB
Description  Sealed Rocker Switch Single Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KCA2ALA2LBB Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  KCA2ALA2LBB Datasheet HTML 1Page - Cherry Semiconductor Corporation KCA2ALA2LBB Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2016-01-08, Specifications subject to change without notice.
Electrical Specifications
Dielectric Strength
1500 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.050 Ω max
Electrical Ratings
Lighting Option
EN61058-1
UL1054
VDC
4
N
10 (4) 250
16 A 125 VAC / 10 A 250 VAC
20 A 14 VDC / 10 A 28 VDC
E, L
10 (4) 250
16 A 125 VAC / 10 A 250 VAC
N/A
C
N/A
N/A
10 A 28 VDC
M
N/A
N/A
20 A 14 VDC
Electrical Life at Rated Load
VDE
UL
Minimum Operations
10,000
6,000
4DC ratings not agency approved
UL File No: E23301
Material and Environmental Specifications
Actuator
Polycarbonate
Housing
Nylon 66 94V-2
Spring
Stainless Steel Wire
Contacts
Silver Alloy
Movable Arm
Silver-Plated Copper Alloy
Terminals
Silver-Plated Copper Alloy
Rubber Boot
Silicone
Operating Temperature Range
-25
OC to +85 OC (-13 OF to +185 OF)
Ingress Protection
IP65
Circuitry and Switch Functions
Dimensions mm (inches)
Recommended Panel Cut-out


Similar Part No. - KCA2ALA2LBB

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
KCA2ALA2LBB ZFSWITCHES-KCA2ALA2LBB Datasheet
271Kb / 2P
   Sealed Rocker Switch
More results

Similar Description - KCA2ALA2LBB

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
   Sealed Rocker Switch Single Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
   Sealed Rocker Switch Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
   Sealed Rocker Switch Single (and Double)1 Pole
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
   Rocker Switch Single Pole
PRK22J5BBBNN CHERRY-PRK22J5BBBNN Datasheet
240Kb / 2P
   Rocker Switch Single Pole
SRB22A2FBBNN CHERRY-SRB22A2FBBNN Datasheet
563Kb / 2P
   Single-Pole Rocker Switch
SRJ22A3BBBNN CHERRY-SRJ22A3BBBNN Datasheet
235Kb / 2P
   Rocker Switch Single Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
   Sealed Rocker Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com