Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC307 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC307
Description  1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC307 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC307 Datasheet HTML 1Page - Hittite Microwave Corporation HMC307 Datasheet HTML 2Page - Hittite Microwave Corporation HMC307 Datasheet HTML 3Page - Hittite Microwave Corporation HMC307 Datasheet HTML 4Page - Hittite Microwave Corporation HMC307 Datasheet HTML 5Page - Hittite Microwave Corporation HMC307 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
9 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC307QS16G
1dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, DC - 4 GHz
v06.0503
General Description
Features
Functional Diagram
1 dB LSB Steps to 31 dB
Single Control Line Per Bit
+/- 0.5 dB Typical Bit Error
Miniature QSOP-16 Package: 29.4 mm2
Electrical Specifications, T
A = +25° C, Vee = -5V & VCTL= 0/Vee
Typical Applications
The HMC307QS16G is a broadband 5-bit GaAs IC
digital attenuator in a 16 lead QSOP grounded base
surface mount plastic package. Covering DC to 4
GHz, the insertion loss is less then 2 dB typical. The
attenuator bit values are 1 (LSB), 2, 4, 8, and 16 dB
for a total attenuation of 31 dB. Attenuation accu-
racy is excellent at ± 0.5 dB typical with an IIP3 of up
to +44 dBm. Five bit control voltage inputs, toggled
between 0 and -5V, are used to select each attenua-
tion state at less than 50 uA each. A single Vee bias
of -5V allows operation down to DC. This product is
an excellent alternative to the HMC235QS16G.
The HMC307QS16G is ideal for:
• Cellular
• PCS, ISM, MMDS
• Wireless Local Loop
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
DC - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 4.0 GHz
1.8
1.9
2.0
2.1
2.2
2.4
2.5
2.7
dB
dB
dB
dB
Attenuation Range
DC - 4.0 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 4.0 GHz
11
11
10
8
15
17
18
15
dB
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
1 - 20 dB States
21 - 31 dB States
1 - 15 dB States
16 - 31 dB States
DC - 2.7 GHz
DC - 2.7 GHz
2.7 - 4.0 GHz
2.7 - 4.0 GHz
± 0.2 + 3% of Atten. Setting Max
± 0.3 + 5% of Atten. Setting Max
± 0.3 + 5% of Atten. Setting Max
± 0.6 + 10% of Atten. Setting Max
dB
dB
dB
dB
Input Power for 0.1 dB Compression
0.5 - 4.0 GHz
24
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
0.5 - 4.0 GHz
44
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 4.0 GHz
140
160
ns
ns


Similar Part No. - HMC307

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G Datasheet
326Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
More results

Similar Description - HMC307

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC335G16 HITTITE-HMC335G16_08 Datasheet
215Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC335G16 HITTITE-HMC335G16 Datasheet
238Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
   1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
HMC235QS16G HITTITE-HMC235QS16G Datasheet
189Kb / 6P
   GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com