Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD85302L Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85302L
Description  20 V Dual N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85302L Datasheet(HTML) 2 Page - Texas Instruments

  CSD85302L Datasheet HTML 1Page - Texas Instruments CSD85302L Datasheet HTML 2Page - Texas Instruments CSD85302L Datasheet HTML 3Page - Texas Instruments CSD85302L Datasheet HTML 4Page - Texas Instruments CSD85302L Datasheet HTML 5Page - Texas Instruments CSD85302L Datasheet HTML 6Page - Texas Instruments CSD85302L Datasheet HTML 7Page - Texas Instruments CSD85302L Datasheet HTML 8Page - Texas Instruments CSD85302L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD85302L
SLPS561 – NOVEMBER 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Package Dimensions ................................................ 8
5.2
Thermal Information .................................................. 3
7.2
Recommended PCB Pattern..................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Pattern ................................. 9
6
Device and Documentation Support.................... 7
7.4
Q3A Tape and Reel Information ............................. 10
4 Revision History
DATE
REVISION
NOTES
November 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD85302L


Similar Part No. - CSD85302L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2 TI1-CSD85301Q2 Datasheet
1Mb / 15P
[Old version datasheet]   20V Dual N-Channel NexFET Power MOSFETs
CSD85301Q2T TI1-CSD85301Q2T Datasheet
1Mb / 15P
[Old version datasheet]   20V Dual N-Channel NexFET Power MOSFETs
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD85302L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
[Old version datasheet]   Dual 20 V N-Channel NexFET Power MOSFETs
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
[Old version datasheet]   12 V Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
[Old version datasheet]   20-V N-Channel NexFET Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual N-Channel NexFET??Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com