Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL100-22AA2102 Datasheet(PDF) 6 Page - SICK AG

Part # DL100-22AA2102
Description  LONG RANGE DISTANCE SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DL100-22AA2102 Datasheet(HTML) 6 Page - SICK AG

  DL100-22AA2102 Datasheet HTML 1Page - SICK AG DL100-22AA2102 Datasheet HTML 2Page - SICK AG DL100-22AA2102 Datasheet HTML 3Page - SICK AG DL100-22AA2102 Datasheet HTML 4Page - SICK AG DL100-22AA2102 Datasheet HTML 5Page - SICK AG DL100-22AA2102 Datasheet HTML 6Page - SICK AG DL100-22AA2102 Datasheet HTML 7Page - SICK AG DL100-22AA2102 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DL100-22AA2102 | Dx100
LONG RANGE DISTANCE SENSORS
6
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Adjustment possible
DL100-xxXXxx02
6
5
7
Esc
Set
Eth Profibus
⑤  Status LED [status]
⑥  Display
⑦  Operating elements
Recommended accessories
Other models and accessories
www.sick.com/Dx100
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for Dx100, incl. mounting material, steel, zinc coated
BEF-AH-DX100
2058653
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, PVC, shielded, 10 m
DOL-1205-G10MQ
6026008
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 10 m
Wire shield Al-Pt film, overall shield C-screen tin-plated
STL-1205-G10MQ
6026007
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: PROFINET, drag chain use, PUR, shielded, 5 m
CAT 5e
SSL-2J04-G05ME
6035389
Head A: male connector, M12, 4-pin, straight, B-coded
Cable: PROFIBUS DP, terminal resistor
STE-END-Q
6021156
Reflectors
Reflector plate, reflective tape "Diamond Grade", 665 mm x 665 mm, material base
plate: aluminum, screw connection, Screw-on, 4 hole mounting
PL560DG
1016806
Sets and kits


Similar Part No. - DL100-22AA2102

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2101 SICK-DL100-22AA2101 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-22AA2103 SICK-DL100-22AA2103 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-22AA2109 SICK-DL100-22AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DL100-22AA2102

ManufacturerPart #DatasheetDescription
logo
SICK AG
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com