Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14020-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14020-Q1
Description  SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMR14020-Q1 Datasheet HTML 2Page - Texas Instruments LMR14020-Q1 Datasheet HTML 3Page - Texas Instruments LMR14020-Q1 Datasheet HTML 4Page - Texas Instruments LMR14020-Q1 Datasheet HTML 5Page - Texas Instruments LMR14020-Q1 Datasheet HTML 6Page - Texas Instruments LMR14020-Q1 Datasheet HTML 7Page - Texas Instruments LMR14020-Q1 Datasheet HTML 8Page - Texas Instruments LMR14020-Q1 Datasheet HTML 9Page - Texas Instruments LMR14020-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LMR14020-Q1
SNVSAG4 – NOVEMBER 2015
www.ti.com
6.6 Switching Characteristics
Over the recommended operating junction temperature range of -40 °C to 125 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching frequency
RT = 11.5 kΩ
1758
1912
2066
fSW
kHz
Switching frequency range at SYNC mode
250
2300
FDITHER
Switching frequency dithering
Spread spectrum option, frequency
±6%
dithering over center frequency
VSYNC_HI
SYNC clock high level threshold
1.7
V
VSYNC_LO
SYNC clock low level threshold
0.5
TSYNC_MIN
Minimum SYNC input pulse width
Measured at 500 kHz, VSYNC_HI > 3 V,
30
ns
VSYNC_LO < 0.3 V
TLOCK_IN
PLL lock in time
Measured at 500 kHz
100
µs
TON_MIN
Minimum controllable on time
VIN = 12 V, BOOT to SW = 5.8 V, ILoad =
75
ns
1 A
DMAX
Maximum duty cycle
fSW = 200 kHz
97%
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMR14020-Q1


Similar Part No. - LMR14020-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
More results

Similar Description - LMR14020-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com