Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14020SQDDAQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14020SQDDAQ1
Description  SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020SQDDAQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LMR14020SQDDAQ1 Datasheet HTML 1Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 2Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 3Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 4Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 5Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 6Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 7Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 8Page - Texas Instruments LMR14020SQDDAQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
IOUT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 12 V, gSW = 1 MHz
VOUT = 5 V
VOUT = 3.3 V
BOOT
SW
L
CBOOT
FB
VIN
VIN up to 40 V
GND
COUT
EN
CIN
SS
RT/SYNC
VOUT
CSS
D
RFBT
RFBB
RT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMR14020-Q1
SNVSAG4 – NOVEMBER 2015
LMR14020-Q1 SIMPLE SWITCHER® 40 V, 2 A Step-Down Converter with 40 µA IQ
1 Features
3 Description
The LMR14020-Q1 is a 40 V, 2 A step down
1
Qualified for Automotive Applications
regulator with an integrated high-side MOSFET. With
AEC-Q100 Qualified With the Following Results:
a wide input range from 4 V to 40 V, it’s suitable for
- Device Temperature Grade 1: -40°C to 125°C
various applications from industrial to automotive for
Ambient Operating Temperature Range
power conditioning from unregulated sources. The
- Device HBM ESD Classification Level H1C
regulator’s quiescent current is 40 µA in Sleep-mode,
- Device CDM ESD Classification Level C4A
which is suitable for battery powered systems. An
ultra-low 1
μA current in shutdown mode can further
4 V to 40 V Input Range
prolong battery life. A wide adjustable switching
2 A Continuous Output Current
frequency range allows either efficiency or external
Ultra-low 40 µA Operating Quiescent Current
component size to be optimized. Internal loop
compensation means that the user is free from the
90 m
Ω High-Side MOSFET
tedious task of loop compensation design. This also
Minimum Switch-On Time: 75 ns
minimizes the external components of the device. A
Current Mode Control
precision
enable
input
allows
simplification
of
Adjustable Switching Frequency from 200 kHz to
regulator control and system power sequencing. The
device also has built-in protection features such as
2.5 MHz
cycle-by-cycle current limit, thermal sensing and
Frequency Synchronization to External Clock
shutdown due to excessive power dissipation, and
Spread Spectrum Option for Reduced EMI
output overvoltage protection.
Internal Compensation for Ease of Use
The LMR14020-Q1 is available in an 8-pin HSOIC
High Duty Cycle Operation Supported
package with exposed pad for low thermal resistance
Precision Enable Input
Device Information (1)
1 µA Shutdown Current
PART NUMBER
PACKAGE
BODY SIZE (NOM)
External Soft-start
LMR14020SQDDARQ1
HSOIC (8)
4.89 mm x 3.90 mm
Thermal, Overvoltage and Short Protection
LMR14020SSQDDARQ1
HSOIC (8)
4.89 mm x 3.90 mm
8-Pin HSOIC with PowerPAD™ Package
(Spread Spectrum)
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
Automotive Battery Regulation
Industrial Power Supplies
Telecom and Datacom Systems
General Purpose Wide Vin Regulation
space
Simplified Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMR14020SQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020SQDDAQ1 TI1-LMR14020SQDDAQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
More results

Similar Description - LMR14020SQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com