Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14030SSQDDAQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14030SSQDDAQ1
Description  SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14030SSQDDAQ1 Datasheet(HTML) 2 Page - Texas Instruments

  LMR14030SSQDDAQ1 Datasheet HTML 1Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 2Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 3Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 4Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 5Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 6Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 7Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 8Page - Texas Instruments LMR14030SSQDDAQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LMR14030-Q1
SNVSAG3 – NOVEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 10
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
8
Application and Implementation ........................ 17
3
Description ............................................................. 1
8.1
Application Information............................................ 17
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 17
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 23
6
Specifications......................................................... 4
10
Layout................................................................... 23
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 23
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 24
6.3
Recommended Operating Conditions ...................... 4
11
Device and Documentation Support ................. 25
6.4
Thermal Information .................................................. 5
11.1
Device Support .................................................... 25
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ........................................ 25
6.6
Switching Characteristics .......................................... 6
11.3
CommResources"
6.7
Typical Characteristics .............................................. 7
numeration="decimal">Community Resources........ 25
7
Detailed Description .............................................. 9
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 9
Information ........................................................... 25
7.2
Functional Block Diagram ......................................... 9
4 Revision History
DATE
REVISION
NOTES
November 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMR14030-Q1


Similar Part No. - LMR14030SSQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14030SSQDDAQ1 TI1-LMR14030SSQDDAQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
More results

Similar Description - LMR14030SSQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com