Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23625CDDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CDDA
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CDDA Datasheet(HTML) 3 Page - Texas Instruments

  LMR23625CDDA Datasheet HTML 1Page - Texas Instruments LMR23625CDDA Datasheet HTML 2Page - Texas Instruments LMR23625CDDA Datasheet HTML 3Page - Texas Instruments LMR23625CDDA Datasheet HTML 4Page - Texas Instruments LMR23625CDDA Datasheet HTML 5Page - Texas Instruments LMR23625CDDA Datasheet HTML 6Page - Texas Instruments LMR23625CDDA Datasheet HTML 7Page - Texas Instruments LMR23625CDDA Datasheet HTML 8Page - Texas Instruments LMR23625CDDA Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EN/SYNC
AGND
VIN
PGND
SW
BOOT
VCC
FB
Thermal Pad
(9)
1
2
3
4
5
6
7
8
LMR23625
www.ti.com
SNVSAH3 – DECEMBER 2015
5 Pin Configuration and Functions
DDA Package
8-Pin HSOIC
Top View
Pin Functions
PIN
I/O (1)
DESCRIPTION
NAME
NO.
Switching output of the regulator. Internally connected to both power MOSFETs. Connect to
SW
1
O
power inductor.
Boot-strap capacitor connection for high-side driver. Connect a high quality 470 nF capacitor
BOOT
2
O
from BOOT to SW.
Internal bias supply output for bypassing. Connect bypass capacitor from this pin to AGND.
VCC
3
O
Do not connect external loading to this pin. Never short this pin to ground during operation.
FB
4
I
Feedback input to regulator, connect the feedback resistor divider tap to this pin.
Enable input to regulator. High = On, Low = Off. Can be connected to VIN. Do not float.
Adjust the input under voltage lockout with two resistors. See the Enable and Adjusting
EN/SYNC
5
I
Under voltage Lockout section. The internal oscillator can be synchronized to an external
clock by coupling a positive pulse into this pin through a small coupling capacitor. See the
frequency synchronization section for detail.
Analog ground pin. Ground reference for internal references and logic. Connect to system
AGND
6
G
ground.
VIN
7
I
Input supply voltage with 4 V to 36 V operating range.
Power ground pin, connected internally to the low side power FET. Connect to system
PGND
8
G
ground, PAD, AGND, ground pins of CIN and COUT. Path to CIN must be as short as possible.
Low impedance connection to AGND. Connect to PGND on PCB. Major heat dissipation
PAD
9
G
path of the die. Must be used for heat sinking to ground plane on PCB.
(1)
I = Input, O = Output, G = Ground.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMR23625


Similar Part No. - LMR23625CDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CDDA TI1-LMR23625CDDA Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CDDAR TI1-LMR23625CDDAR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com