Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38513S-1.8 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP38513S-1.8
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513S-1.8 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38513S-1.8 Datasheet HTML 6Page - Texas Instruments LP38513S-1.8 Datasheet HTML 7Page - Texas Instruments LP38513S-1.8 Datasheet HTML 8Page - Texas Instruments LP38513S-1.8 Datasheet HTML 9Page - Texas Instruments LP38513S-1.8 Datasheet HTML 10Page - Texas Instruments LP38513S-1.8 Datasheet HTML 11Page - Texas Instruments LP38513S-1.8 Datasheet HTML 12Page - Texas Instruments LP38513S-1.8 Datasheet HTML 13Page - Texas Instruments LP38513S-1.8 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
GND
IN
EN
LP38513
Thermal
Limit
Current
Limit
ERROR
VREF
VREF
OUT
LP38513
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP38513 is a fast response, ultra-low-dropout linear regulator that operates from a 2.25-V to 5.5-V input
supply. This linear regulator responds very quickly to step changes in line or load conditions, making it suitable
for low-voltage microprocessor applications. The device has low quiescent current operation that is independent
of the output load current, and it has an ERROR flag pin, which can indicate that VOUT is within 15% of the
nominal regulated voltage.
The LP38513 is designed to perform with a10-µF (minimum value) input capacitor and a 10-µF (minimum value)
output capacitor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Short-Circuit Protection
The LP38513 is short-circuit protected and, in the event of a peak overcurrent condition, the short-circuit control
loop rapidly drives the output PMOS pass element off. Once the power pass element shuts down, the control
loop rapidly cycles the output on and off until the average power dissipation causes the thermal shutdown circuit
to respond to servo the on/off cycling to a lower frequency. Refer to the Power Dissipation section for power
dissipation calculations.
7.3.2 Enable
LP38513 has an EN pin to enable/disable the device. If the application does not require the enable function, the
pin must be connected directly to the adjacent IN pin.
The status of the EN pin also affects the behavior of the ERROR flag. While the EN pin is high the regulator
control loop is active, and the ERROR flag reorts the status of the output voltage. When the EN pin is taken low
the regulator control loop is shut down, the output is turned off, and the internal logic immediately forces the
ERROR flag pin low.
7.3.3 ERROR Flag
When the LP38513 EN pin is high, the ERROR flag pin produces a logic low signal when the output drops by
more than 15% (VTH, typical) from the nominal output voltage. The drop in output voltage may be due to low
input voltage, current limiting, or thermal limiting. This flag has a built-in hysteresis. The output voltage must to
rise to greater than typically 89% of the nominal output voltage for the ERROR flag to return to a logic high state.
Also, if the EN pin is pulled low, the ERROR flag pin is forced to low as well.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38513


Similar Part No. - LP38513S-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38513S-1.8 NSC-LP38513S-1.8 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
More results

Similar Description - LP38513S-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulator
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
   3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
   3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com