Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51216-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51216-EP
Description  Memory Power Solution Synchronous Buck Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51216-EP Datasheet HTML 2Page - Texas Instruments TPS51216-EP Datasheet HTML 3Page - Texas Instruments TPS51216-EP Datasheet HTML 4Page - Texas Instruments TPS51216-EP Datasheet HTML 5Page - Texas Instruments TPS51216-EP Datasheet HTML 6Page - Texas Instruments TPS51216-EP Datasheet HTML 7Page - Texas Instruments TPS51216-EP Datasheet HTML 8Page - Texas Instruments TPS51216-EP Datasheet HTML 9Page - Texas Instruments TPS51216-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS51216-EP
SLUSCA7 – NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics
TJ = –55°C to 125°C, VV5IN = 5 V, VLDOIN is connected to VDDQ output, VMODE = 0 V, VS3 = VS5 = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV5IN(S0)
V5IN supply current, in S0
TJ = 25°C, No load, VS3 = VS5 = 5 V
590
μA
IV5IN(S3)
V5IN supply current, in S3
TJ = 25°C, No load, VS3 = 0 V, VS5 = 5 V
500
μA
IV5INSDN
V5IN shutdown current
TJ = 25°C, No load, VS3 = VS5 = 0 V
1
μA
IVLDOIN(S0)
VLDOIN supply current, in S0
TJ = 25°C, No load, VS3 = VS5 = 5 V
5
μA
IVLDOIN(S3)
VLDOIN supply current, in S3
TJ = 25°C, No load, VS3 = 0 V, VS5 = 5 V
5
μA
IVLDOINSDN
VLDOIN shutdown current
TJ = 25°C, No load, VS3 = VS5 = 0 V
5
μA
VREF OUTPUT
IVREF = 30 μA, TJ = 25°C
1.8000
VVREF
Output voltage
V
0
μA ≤ IVREF <300 μA, TJ = –55°C to 125°C
1.7820
1.8180
IVREFOCL
Current limit
VVREF = 1.7 V
0.4
0.8
mA
VTTREF OUTPUT
VVTTREF
Output voltage
VVDDQSNS/2
V
|IVTTREF| <100 μA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V
49.2%
50.8%
VVTTREF
Output voltage tolerance to VVDDQ
|IVTTREF| <10 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V
49%
51%
IVTTREFOCLSRC
Source current limit
VVDDQSNS = 1.8 V, VVTTREF= 0 V
10
18
mA
IVTTREFOCLSNK
Sink current limit
VVDDQSNS = 1.8 V, VVTTREF = 1.8 V
10
17
mA
IVTTREFDIS
VTTREF discharge current
TJ = 25°C, VS3 = VS5 = 0 V, VVTTREF = 0.5 V
0.8
1.3
mA
VTT OUTPUT
VVTT
Output voltage
VVTTREF
V
|IVTT| ≤ 10 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A
–20
20
|IVTT| ≤ 1 A, 1.2 ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A
–30
30
VVTTTOL
Output voltage tolerance to VTTREF
mV
|IVTT| ≤ 2 A, 1.4 V ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A
–40
40
|IVTT| ≤ 1.5 A, 1.2 V ≤ VVDDQSNS ≤ 1.4 V, IVTTREF = 0 A
–40
40
VVDDQSNS = 1.8 V, VVTT = VVTTSNS = 0.7 V,
IVTTOCLSRC
Source current limit
2
3
IVTTREF = 0 A
A
VVDDQSNS = 1.8V, VVTT = VVTTSNS = 1.1 V, IVTTREF = 0
IVTTOCLSNK
Sink current limit
2
3
A
IVTTLK
Leakage current
TJ = 25°C , VS3 = 0 V, VS5 = 5 V, VVTT = VVTTREF
5
IVTTSNSBIAS
VTTSNS input bias current
VS3 = 5 V, VS5 = 5 V, VVTTSNS = VVTTREF
–0.5
0.0
0.5
μA
IVTTSNSLK
VTTSNS leakage current
VS3 = 0 V, VS5 = 5 V, VVTTSNS = VVTTREF
–1
0
1
TJ = 25°C, VS3 = VS5 = 0 V, VVDDQSNS = 1.8 V,
IVTTDIS
VTT Discharge current
7.8
mA
VVTT = 0.5 V, IVTTREF = 0 A
VDDQ OUTPUT
VVDDQSNS
VDDQ sense voltage
VREFIN
VDDQSNS regulation voltage
VVDDQSNSTOL
TJ = 25°C
–3
3
mV
tolerance to REFIN
IVDDQSNS
VDDQSNS input current
VVDDQSNS = 1.8 V
39
μA
IREFIN
REFIN input current
VREFIN = 1.8 V
–0.1
0.0
0.1
μA
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V, MODE pin pulled
IVDDQDIS
VDDQ discharge current
12
mA
down to GND through 47 k
Ω (Non-tracking)
VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V, MODE pin pulled
IVLDOINDIS
VLDOIN discharge current
1.2
A
down to GND through 100 k
Ω (Non-tracking)
SWITCH MODE POWER SUPPLY (SMPS) FREQUENCY
VIN = 5 V, VVDDQSNS = 1.8 V, RMODE = 100 kΩ
300
ƒSW
VDDQ switching frequency
kHz
VIN = 5 V, VVDDQSNS = 1.8 V, RMODE = 200 kΩ
400
tON(min)
Minimum on time
DRVH rising to falling(1)
60
ns
tOFF(min)
Minimum off time
DRVH falling to rising
200
320
450
(1)
Ensured by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS51216-EP


Similar Part No. - TPS51216-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51216RUKR TI1-TPS51216RUKR Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216RUKR TI1-TPS51216RUKR Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51216RUKT TI1-TPS51216RUKT Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
More results

Similar Description - TPS51216-EP

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1561 UPI-UP1561 Datasheet
261Kb / 17P
   Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
Rev. C00
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
   DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com