Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74201KTWRG3 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201KTWRG3
Description  Ultra-LDO With Programmable Soft-Start
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74201KTWRG3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS74201KTWRG3 Datasheet HTML 5Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 6Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 7Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 8Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 9Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 10Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 11Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 12Page - Texas Instruments TPS74201KTWRG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
12
PGCurrent(mA)
10mV/div
10mV/div
10mV/div
10mV/div
1V/div
Time(50 s/div)
m
C
=1000 F
OUT
m
C
=100 F
OUT
m
C
=10 F
OUT
m
C
=0 F
OUT
m
1V/ s
m
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-40
-20
0
20
40
60
80
100
JunctionTemperature( C)
°
120
V
=2.375V
BIAS
V
=5.5V
BIAS
765
750
735
720
705
690
675
-40
-20
0
20
40
60
80
100
120
JunctionTemperature( C)
°
2.85
2.65
2.45
2.25
2.05
1.85
1.65
1.45
1.25
0
0.5
1.0
I
(A)
OUT
1.5
+125 C
°
+25 C
°
-
°
40 C
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
2.0
2.5
3.0
3.5
4.0
4.5
V
(V)
BIAS
5.0
+125 C
°
+25 C
°
-
°
40 C
TPS74201
www.ti.com
SBVS064M – DECEMBER 2005 – REVISED OCTOBER 2015
Typical Characteristics (continued)
At TJ = 25°C, VOUT = 1.5 V, VIN = VOUT(TYP) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, EN = VIN, CIN = 1 μF, CBIAS = 4.7 μF, CSS =
0.01
μF, and COUT = 10 μF, unless otherwise noted.
Figure 13. IBIAS vs IOUT and Temperature
Figure 14. IBIAS vs VBIAS and VOUT
Figure 15. IBIAS Shutdown vs Temperature
Figure 16. Soft-Start Charging Current (ISS) vs Temperature
Figure 17. Low-Level PG Voltage vs PG Current
Figure 18. VBIAS Line Transient (1.5 A)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS74201


Similar Part No. - TPS74201KTWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201KTWRG3 TI-TPS74201KTWRG3 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74201KTWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com