Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74201RGRR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201RGRR
Description  Ultra-LDO With Programmable Soft-Start
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74201RGRR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS74201RGRR Datasheet HTML 4Page - Texas Instruments TPS74201RGRR Datasheet HTML 5Page - Texas Instruments TPS74201RGRR Datasheet HTML 6Page - Texas Instruments TPS74201RGRR Datasheet HTML 7Page - Texas Instruments TPS74201RGRR Datasheet HTML 8Page - Texas Instruments TPS74201RGRR Datasheet HTML 9Page - Texas Instruments TPS74201RGRR Datasheet HTML 10Page - Texas Instruments TPS74201RGRR Datasheet HTML 11Page - Texas Instruments TPS74201RGRR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
90
80
70
60
50
40
30
20
10
0
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25
V
V
-
IN
OUT (V)
2.50
1kHz
100kHz
300kHz
700kHz
I
=1.5A
OUT
1
0.1
0.01
100
1k
10k
Frequency(Hz)
100k
C
=1nF
SS
C
=0nF
SS
C
=10nF
SS
I
=100mA
OUT
V
=1.1V
OUT
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8,V
=1.5V
IN
OUT
OUT
,I
=100mA
C
=100 F
OUT
m
C
=10 F
OUT
m
C
=0 F
OUT
m
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8,V
=1.5V
IN
OUT
OUT
,I
=1.5A
C
=0 F
OUT
m
C
=10 F
OUT
m
C
=100 F
OUT
m
1400
1300
1200
1100
1000
900
800
700
600
500
0
0.5
1.0
I
(A)
OUT
1.5
+125 C
°
+25 C
°
-
°
40 C
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8,V
IN
OUT =1.5V
V
=3.3V,I
BIAS
OUT =1.5A
TPS74201
SBVS064M – DECEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, VOUT = 1.5 V, VIN = VOUT(TYP) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, EN = VIN, CIN = 1 μF, CBIAS = 4.7 μF, CSS =
0.01
μF, and COUT = 10 μF, unless otherwise noted.
Figure 7. VBIAS Dropout Voltage vs
Figure 8. VBIAS PSRR vs Frequency
IOUT and Temperature
Figure 9. VIN PSRR vs Frequency
Figure 10. VIN PSRR vs Frequency
Figure 11. VIN PSRR vs VIN – VOUT
Figure 12. Noise Spectral Density
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS74201


Similar Part No. - TPS74201RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201RGWR TI-TPS74201RGWR Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201RGWRG4 TI-TPS74201RGWRG4 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201RGWT TI-TPS74201RGWT Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201RGWTG4 TI-TPS74201RGWTG4 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74201RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com