Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74201RGWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201RGWR
Description  Ultra-LDO With Programmable Soft-Start
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74201RGWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS74201RGWR Datasheet HTML 1Page - Texas Instruments TPS74201RGWR Datasheet HTML 2Page - Texas Instruments TPS74201RGWR Datasheet HTML 3Page - Texas Instruments TPS74201RGWR Datasheet HTML 4Page - Texas Instruments TPS74201RGWR Datasheet HTML 5Page - Texas Instruments TPS74201RGWR Datasheet HTML 6Page - Texas Instruments TPS74201RGWR Datasheet HTML 7Page - Texas Instruments TPS74201RGWR Datasheet HTML 8Page - Texas Instruments TPS74201RGWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1V/div
1V/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.2V
TPS74201
GND
EN
FB
IN
PG
BIAS
SS
OUT
V
IN
V
OUT
R
1
R
2
R
3
C
OUT
Optional
C
IN
1µF
C
SS
V
BIAS
C
BIAS
1µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS74201
SBVS064M – DECEMBER 2005 – REVISED OCTOBER 2015
TPS742 1.5-A Ultra-LDO With Programmable Soft-Start
1 Features
3 Description
The TPS742 series of low-dropout (LDO) linear
1
Input Voltage Range: 0.8 V to 5.5 V
regulators provide an easy-to-use, robust power-
Soft-Start (SS) Pin Provides a Linear Start-Up
management
solution
for
a
wide
variety
of
With Ramp Time Set by External Capacitor
applications. User-programmable soft-start minimizes
1% Accuracy Over Line, Load, and Temperature
stress on the input power source by reducing
capacitive inrush current on start-up. The soft-start is
Supports Input Voltages as Low as 0.8 V With
monotonic
and
well
suited
for
powering
many
External Bias Supply
different types of processors and ASICs. The enable
Adjustable Output (0.8 V to 3.6 V)
input and power-good output allow easy sequencing
Ultra-Low Dropout: 55 mV at 1.5 A (Typical)
with external regulators. This complete flexibility
permits the user to configure a solution that meets
Stable With Any or No Output Capacitor
the sequencing requirements of FPGAs, DSPs, and
Excellent Transient Response
other applications with special start-up requirements.
Available in 5-mm × 5-mm × 1-mm VQFN and
A precision reference and error amplifier deliver 1%
DDPAK/TO-263-7 Packages
accuracy over load, line, temperature, and process.
Open-Drain Power-Good (5 × 5 VQFN)
Each LDO is stable with low-cost ceramic output
Active High Enable
capacitors, and the family is fully specified from
–40°C to 125°C. The TPS742 devices are offered in
a small (5 mm × 5 mm) VQFN package, yielding a
2 Applications
highly compact total solution size. For applications
FPGA Applications
that
require
additional
power
dissipation,
the
DSP Core and I/O Voltages
DDPAK/TO-263 (KTW) package is also available.
Servers
Device Information(1)
Post-Regulation Applications
PART
PACKAGE
BODY SIZE (NOM)
Applications With Special Start-Up Time or
NUMBER
Sequencing Requirements
VQFN (20)
5.00 mm × 5.00 mm
TPS74201
DDPAK/TO-263 (7)
8.89 mm × 10.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Adjustable Output Version
Turnon Response
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS74201RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201RGWR TI-TPS74201RGWR Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201RGWRG4 TI-TPS74201RGWRG4 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74201RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com