Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2413PWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2413PWRG4
Description  ORing Power Rail Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2413PWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2413PWRG4 Datasheet HTML 6Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 7Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 8Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 9Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 10Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 11Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 12Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 13Page - Texas Instruments TPS2413PWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
-470.02
R(RSET)
V
- 0.00314
(OFF)
æ
ö
ç
÷
=
ç
÷
è
ø
TPS2412, TPS2413
SLVS728C – JANUARY 2007 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
GATE: Gate controls the external N channel MOSFET gate. GATE is driven positive with respect to A by a driver
operating from the voltage on BYP. A time-limited high current discharge source pulls GATE to GND when the
fast turnoff comparator is activated. The high-current discharge is followed by a sustaining pulldown. The turnoff
circuits are disabled by the thermal shutdown, leaving a resistive pulldown to keep the gate from floating. The
gate connection should be kept low impedance to maximize turnoff current.
GND: This is the input supply reference. GND should have a low impedance connection to the ground plane. It
carries several Amperes of rapid-rising discharge current when the external MOSFET is turned off, and also
carries significant charge pump currents.
RSET: A resistor connected from this pin to GND sets the fast V(A-C) comparator turnoff threshold. The threshold
is slightly positive when the RSET pin is left open. Current drawn by the resistor programs the turnoff voltage to
increasing negative values. The TPS2413 must have a negative threshold programmed to avoid an unstable
condition at light load. The expression for R(RSET) in terms of the trip voltage, V(OFF), follows.
(1)
The units of the numerator are (V × V/A). V(OFF) is positive for V(A) greater than V(C), V(OFF) is less than 3 mV, and
R(RSET) is in ohms.
RSVD: Connect to ground.
VDD: VDD is the primary supply for the gate drive charge pump and other internal circuits. This pin must be
connected a source that is 3 V or greater when the external MOSFET is to be turned on. VDD may be greater or
lower than the controlled bus voltage.
A 0.01-
μF bypass capacitor, or 10-Ω and a 0.01-μF filter, is recommended because charge pump currents are
drawn through VDD.
8.3.2 TPS2412 vs TPS2413 – MOSFET Control Methods
The TPS2412 control method yields several benefits. First, the low-current GATE driver provides a gentle turnon
and turnoff for slowly rising and falling input voltage. Second, it reduces the tendency for on/off cycling of a
comparator based solution at light loads. Third, it avoids reverse currents if the fast turnoff threshold is left
positive. The drawback to this method is that the MOSFET appears to have a high resistance at light load when
the regulation is active. A momentary output voltage droop occurs when a large step load is applied from a light-
load condition. The TPS2412 is a better solution for a mid-rail bus that is re-regulated.
The TPS2413 turns the MOSFET on if V(AC) is greater than 10 mV, and the rapid turnoff is activated at the
programmed negative threshold. There is no linear control range and slow turnoff. The disadvantage is that the
turnoff threshold must be negative (unless a minimum load is always present) permitting a continuous reverse
current. Under a dynamic reverse voltage fault, the lower threshold voltage may permit a higher peak reverse
current. There are a number of advantages to this control method. Step loads from a light load condition are
handled without a voltage droop beyond I × R. If the redundant converter fails, applications with redundant
synchronous converters may permit a small amount of reverse current at light load to assure that the MOSFET is
all ready on. The TPS2413 is a better solution for low-voltage buses that are not re-regulated, and that may see
large load steps transients.
These applications recommendations are meant as a starting point, with the needs of specific implementations
overriding them.
8.3.3 N+1 Power Supply – Typical Connection
The N+1 power supply configuration shown in Figure 9 is used where multiple power supplies are paralleled for
either higher capacity, redundancy or both. If it takes N supplies to power the load, adding an extra, identical unit
in parallel permits the load to continue operation in the event that any one of the N supplies fails. The supplies
are ORed together, rather than directly connected to the bus, to isolate the converter output from the bus when it
is plugged-in or fails short. The TPS2412/13 with an external MOSFET emulates the function of the ORing diode.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS2412 TPS2413


Similar Part No. - TPS2413PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2413PWRG4 TI-TPS2413PWRG4 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413PWRG4 TI1-TPS2413PWRG4 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413PWRG4 TI1-TPS2413PWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2413PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com