Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C10807 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C10807
Description  1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10807 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C10807 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10807 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS8862L
05/01/09
PI6C10807
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
Switching Waveforms
Propagation Delay
Package Skew – tSK(T)
Pulse Skew – tSK(P)
Output Skew – tSK(O)
Input
tPLH
VIH
VDD/2
VIL
Output
VOH
VDD/2
VOL
tPHL
tR
tF
Input
tPLH
VDD
VDD/2
0V
Output
VOH
VDD/2
VOL
tPHL
tSK(P) = | tPLH - tPLH |
Input
tPLHx
VDD
VDD/2
0V
CLKx
VOH
VDD/2
VOL
tPHLx
tSK(O)
CLKy
VOH
VDD/2
VOL
tSK(O)
tPLHy
tPHLy
tSK(O) = | tPLHy - tPLHx | or | tPHLy - tPHLx |
Input
tPLH1
VDD
VDD/2
0V
Part #1
Output
VOH
VDD/2
VOL
tPHL1
tSK(T)
Part #2
Output
VOH
VDD/2
VOL
tSK(T)
tPLH2
tPHL2
tSK(T) = | tPLH2 - tPLH1 | or | tPHL2 - tPHL1 |
09-0084


Similar Part No. - PI6C10807

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10804WE PERICOM-PI6C10804WE Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results

Similar Description - PI6C10807

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804_09 Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10806 PERICOM-PI6C10806 Datasheet
445Kb / 7P
   1.8V/2.5V, 250MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com