Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48535-11BLIE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C48535-11BLIE
Description  3.3V Low Jitter 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48535-11BLIE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C48535-11BLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48535-11BLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.pericom.com
PI6C48535-11B Rev A
06/01/12
PI6C48535-11B
Block Diagram
Features
• Maximumoutputfrequency:500MHz
• 4pairofdifferentialLVPECLoutputs
• SelectableCLKandcrystalinputs
• CLKacceptsLVCMOS,LVTTLinputlevel
• Ultralowadditivephasejitter:<0.05ps(typ)(differential
156.25MHz,12KHzto20MHzintegrationrange)
• OutputSkew:30ps(maximum)
• Part-to-partskew:200ps(maximum)
• Propagationdelay:1.5ns(maximum)
• 3.3Vpowersupply
• Pin-to-pincompatibletoICS8535-11,ICS8535-31
• OperatingTemperature:-40oCto85oC
• Packaging(Pb-free&Greenavailable):
-20-pinTSSOP(L)
3.3V Low Jitter 1-to-4
Crystal/LVCMOS to LVPECL Fanout Buffer
Description
ThePI6C48535-11Bisahigh-performancelowjitterandlow-skew
LVPECL fanout buffer. PI6C48535-11B features selectable of
single-endedclockorcrystalinputsandtranslatestofourLVPECL
outputs.TheCLKinputacceptsLVCMOSorLVTTLsignals.The
outputsaresynchronizedwithinputclockduringasynchronousas-
sertion/deassertionofCLK_ENpin.PI6C48535-11Bisidealfor
crystalorLVCMOS/LVTTLtoLVPECLtranslation.Typicalclock
translationanddistributionapplicationsaredata-communications
andtelecommunications.
Pin Diagram
Q0
NQ0
VDD
Q1
NQ1
Q2
NQ2
VDD
Q3
NQ3
VEE
CLK_EN
CLK_SEL
CLK
NC
Xtal1
Xtal2
NC
NC
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLK_EN
CLK
Xtal1
Xtal2
CLK_SEL
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
D
LE
Q
12-0203


Similar Part No. - PI6C48535-11BLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11C PERICOM-PI6C48535-11C Datasheet
862Kb / 6P
   4 Output LVPECL Fanout Buffer
PI6C48535-11CLIE PERICOM-PI6C48535-11CLIE Datasheet
862Kb / 6P
   4 Output LVPECL Fanout Buffer
PI6C48535-11CLIEX PERICOM-PI6C48535-11CLIEX Datasheet
862Kb / 6P
   4 Output LVPECL Fanout Buffer
PI6C48535-11LE PERICOM-PI6C48535-11LE Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C48535-11BLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
   Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
   Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com