Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49006 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Byte 1: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7
OE for 25M_Out Diff
RW
1
25M_Out Diff
0 = disabled
1 = enabled
6
OE for 25M_Out2
RW
1
25M_Out2
0 = disabled
1 = enabled
5
OE for 25M_Out1
RW
1
25M_Out1
0 = disabled
1 = enabled
4
OE for 125_Out0
RW
1
125_Out0
0 = disabled
1 = enabled
3
OE for OutB_1
RW
1
OutB_1
0 = disabled
1 = enabled
2
OE for OutB_0
RW
1
OutB_0
0 = disabled
1 = enabled
1
Spread Spectrum Selection for
100MHz HCSL PCI Express clocks
Bit 1: SS1, Bit 0:SS0
RW
0
All 100MHz HCSL PCI
Express outputs
See Selection Table
2 - Spread Spec-
trum
0
RW
0
Byte 2: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7 to 0
Reserved
R
Undefined
Not Applicable
Byte 0 - Bit 6 and Bit 5 Functionality
Bit 6
Bit 5
Description
0
X
(RESET# = "H" will enable all outputs; SMBus cannot control each output.)
1
0
Disables all outputs and tri-states the outputs, RESET# HW pin/signal = DO NOT CARE
1
1
Enable outputs according to the SMBus default values; SMBus can control each output.
RESET# HW pin/signal, FS1, FS2, FS3 and FS4 = DON'T CARE
12-0212


Similar Part No. - PI6C49006

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AAE PERICOM-PI6C49003AAE Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AE PERICOM-PI6C49003AE Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
More results

Similar Description - PI6C49006

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
   Embedded Clock Generator
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com