Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49014LIE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C49014LIE
Description  Networking Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49014LIE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C49014LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49014LIE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
02/16/2012
PI6C49014
Networking Clock Generator
C1
18pF
Crystal�(C
L�=�18pF)
C2
18pF
XTAL_IN
XTAL_OUT
Application Notes
Crystal circuit connection
The following diagram shows PI6C49014 crystal circuit connection with a parallel crystal. For the CL=18pF crystal, it is suggested
to use C1= 18pF, C2= 18pF. C1 and C2 can be adjusted to fine tune to the target ppm of crystal oscillator according to different
board layouts.
Crystal Oscillator Circuit
HCSL output buffer characteristics
Figure 9. Simplified diagram of current-mode output buffer
HCSL Buffer characteristics
Symbol
Minimum
Maximum
RO
3000Ω
N/A
ROS
unspecified
unspecified
VOUT
N/A
950mV
0V
IOUT
0.90V
Slope ~ 1/Rs
RO
ROS
VOUT = 0.90V max
Iout
VDD
11-0146


Similar Part No. - PI6C49014LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
   Embedded Clock Generator
PI6C49015LIE PERICOM-PI6C49015LIE Datasheet
958Kb / 10P
   Embedded Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49016ZDIE PERICOM-PI6C49016ZDIE Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
More results

Similar Description - PI6C49014LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com