Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49015 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49015
Description  Embedded Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49015 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C49015 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.pericom.com
P-0.1
02/29/12
PI6C49015
Embedded Clock Generator
HCSL DC Electrical Characteristics
Over Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OH
Output High Voltage
660
-
950
mV
V
OL
Output Low Voltage
-
-
150
V
CROSS
Absolute Crossing
Point Voltages
250
-
550
ΔV
CROSS
Total variation of
VCROSS overall edges
-
-
140
I
OH
Input High Current
With 475-Ohm resistor
connected between IREF
pin and GND
-
12
-
mA
LVCMOS AC Electrical Characteristics
Over Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Fin
Input Frequency
-
25
-
MHz
FOUT
Output Frequency
CLOAD = 15pF
-
25
-
Tr/Tf
Output Rise/Fall time
20% of VDD to 80% of VDD
-
-
1.2
ns
TDC
Output Duty Cycle
45
-
55
%
Tj
Period Jitter
25 MHz clock output
-
-
30
ps
HCSL AC Switching Characteristics1,2,3
Over Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FOUT
Output Frequency
HCSL termination
-
-
100
MHz
Tr/Tf
Output Rise/Fall time
Between 0.175V and 0.525V
175
-
700
ps
ΔTr/ΔTf
Rise and Fall Time
Variation2
-
-
125
ps
TDC
Output Duty Cycle3
47
-
53
%
Tcj
Cycle-to-Cycle Jitter3
Differential waveform
-
-
70
ps
TPJ
Peak-to-Peak Phase
Jitter
Using PCIe jitter measure-
ment method
86
ps
JRMS2.0
PCIe 2.0 RMS Phase
Jitter
PCIe 2.0 Test Method @
100MHz Output
3.1
ps
Notes:
1. Test configuration is Rs=33Ω, Rp=49.9Ω, and 2pF
2. Measurement taken from a single-ended waveform.
3. Measurement taken from a differential waveform.
12-0168


Similar Part No. - PI6C49015

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
   Networking Clock Generator
PI6C49014LIE PERICOM-PI6C49014LIE Datasheet
1,016Kb / 12P
   Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49016ZDIE PERICOM-PI6C49016ZDIE Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
More results

Similar Description - PI6C49015

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49006 PERICOM-PI6C49006 Datasheet
940Kb / 15P
   Embedded Clock Generator
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com