Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCM24AP480M320WA50 Datasheet(PDF) 1 Page - Vicor Corporation

Part # DCM24AP480M320WA50
Description  Regulated DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM24AP480M320WA50 Datasheet(HTML) 1 Page - Vicor Corporation

  DCM24AP480M320WA50 Datasheet HTML 1Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 2Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 3Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 4Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 5Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 6Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 7Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 8Page - Vicor Corporation DCM24AP480M320WA50 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DCMDC-DC Converter
Isolated, Regulated DC Converter
DCM24AP480x320A50
Features
Isolated, regulated DC-DC converter
Up to 320 W, 6.67 A continuous
92.5% peak efficiency
818 W/in3 Power density
Wide input range 18 – 36 Vdc
Safety Extra Low Voltage (SELV) 48.0 V Nominal Output
2250 Vdc isolation
ZVS high frequency switching
n Enables low-profile, high-density filtering
Optimized for array operation
n Up to 8 units – 2560 W
n No power derating needed
n Sharing strategy permits dissimilar line voltages
across an array
Fully operational current limit
OV, OC, UV, short circuit and thermal protection
3623 through-hole ChiP package
n 1.524” x 0.898” x 0.286”
(38.72 mm x 22.8 mm x 7.26 mm)
Typical Applications
Industrial
Process control
Automotive
Heavy Equipment
Product Description
The DCM Isolated, Regulated DC Converter is a DC-DC
converter, operating from an unregulated, wide range input to
generate an isolated 48.0 Vdc output. With its high frequency
zero voltage switching (ZVS) topology, the DCM converter
consistently delivers high efficiency across the input line range.
Modular DCM converters and downstream DC-DC products
support efficient power distribution, providing superior power
system performance and connectivity from a variety of
unregulated power sources to the point-of-load.
Leveraging the thermal and density benefits of Vicor’s ChiP
packaging technology, the DCM module offers flexible thermal
management options with very low top and bottom side
thermal impedances. Thermally-adept ChiP based power
components enable customers to achieve cost effective power
system solutions with previously unattainable system size,
weight and efficiency attributes, quickly and predictably.
Product Ratings
VIN = 18 V to 36 V
POUT = 320 W
VOUT = 48.0 V
(28.8 V to 52.8 V Trim)
IOUT = 6.67 A
DCMDC-DC Converter
Rev 1.1
vicorpower.com
Page 1 of 24
07/2015
800 927.9474
C
US
®
S
NRTL
C
US


Similar Part No. - DCM24AP480M320WA50

ManufacturerPart #DatasheetDescription
logo
Powerbox
DCM24AP480T320A50 POWERBOX-DCM24AP480T320A50 Datasheet
208Kb / 2P
   D C / D C C O N V E R T E R M O D U L E
More results

Similar Description - DCM24AP480M320WA50

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM48AP480T320A50 VICOR-DCM48AP480T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com