Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDUC5V0USP-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDUC5V0USP-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDUC5V0USP-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDUC5V0USP-HF Datasheet HTML 1Page - Comchip Technology CPDUC5V0USP-HF Datasheet HTML 2Page - Comchip Technology CPDUC5V0USP-HF Datasheet HTML 3Page - Comchip Technology CPDUC5V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D1
D2
D
W1
T
C
Reel Taping Specification
Index hole
d
E
F
B
W
P
P0
P1
A
Page 3
QW-G7084
REV:A
Comchip Technology CO., LTD.
SMD ESD Protection Diode
Comchip
S M D D i o d e S p e c i a l i s t
Company reserves the right to improve product design , functions and reliability without notice.
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.041 ± 0.002
SYMBOL
(mm)
(inch)
1.05 ± 0.05
0603C/
SOD-523F
0603C/
SOD-523F
1.96 ± 0.05
0.57 ± 0.05
178.00 ± 1.00
60.00 ± 0.50
13.50 ± 0.20
0.077 ± 0.002
0.022 ± 0.002
7.008 ± 0.039
2.362 ± 0.020
0.531 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.008 ± 0.001
0.315 ± 0.008
1.75 ± 0.10
3.50 ± 0.05
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
0.20 ± 0.03
8.00 ± 0.20
12.00 + 0.50
- 0
0.472 + 0.020
- 0
1.50 + 0.10
- 0
0.059 + 0.004
- 0


Similar Part No. - CPDUC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDUC5V0U-HF COMCHIP-CPDUC5V0U-HF Datasheet
108Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDUC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com