Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9223MK Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK9223MK
Description  Dual 1-Bit, 10MHz, 2nd-Order, ?誇 Modulat
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9223MK Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK9223MK Datasheet HTML 2Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 3Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 4Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 5Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 6Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 7Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 8Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 9Page - Asahi Kasei Microsystems AK9223MK Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
[AK9223]
014010283-E-01
6
2015/01
REFO
AK9223
CF
Analog Characteristics
(Ta = -40
C to 105C; AVDD=5V, DVDD=3V, AIN+=0.2V to 4.8V, AIN-=2.5V, REFIx=REFO=2.5V
(internal), CLKI= 20MHz, and 16bit Sinc
3 filter with OSR =256; unless otherwise specified)
Parameter
Min.
Typ.
Max.
Unit
Reference Voltage Output
Reference output voltage
2.475
2.5
2.525
V
Reference output voltage drift
±20
ppm/
C
Output current
10
A
Short-circuit current
0.5
mA
Turn-on settling time
CF = 0.1
F
(Note 11)
500
s
Reference Voltage Input
Reference input voltage
0.5
2.5
2.6
V
Input resistance
100
M
Input capacitance
5
pF
Input current
1
A
Power Supplies
AIDD
SEL=1
SEL=0
DIDD
DVDD=3V, CLKO = 10MHz
DVDD=5V, CLKO = 10MHz
12.2
11.8
0.9
1.3
17
16
2
3
mA
mA
mA
mA
Note 11. To accuracy level of 0.1%. This value will be 40
s (typ) when no load.


Similar Part No. - AK9223MK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9223 AKM-AK9223 Datasheet
596Kb / 16P
   Dual 1-Bit, 10MHz, 2nd-Order, Modulat
More results

Similar Description - AK9223MK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9223 AKM-AK9223 Datasheet
596Kb / 16P
   Dual 1-Bit, 10MHz, 2nd-Order, Modulat
logo
Texas Instruments
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com