Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK09916C Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK09916C
Description  3-axis Electronic Compass
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09916C Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK09916C Datasheet HTML 3Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 4Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 5Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 6Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 7Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 8Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 9Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 10Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
[AK09916]
015007392-E-02
2015/12
- 7 -
8.4. I
2C Bus Interface
I
2C bus interface is compliant with Standard mode and Fast mode. Standard/Fast mode is selected
automatically by fSCL.
 Standard mode
fSCL ≤ 100kHz
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCL
SCL clock frequency
100
kHz
tHIGH
SCL clock “High” time
4.0
s
tLOW
SCL clock “Low” time
4.7
s
tR
SDA and SCL rise time
1.0
s
tF
SDA and SCL fall time
0.3
s
tHD:STA
Start Condition hold time
4.0
s
tSU:STA
Start Condition setup time
4.7
s
tHD:DAT
SDA hold time (vs. SCL falling edge)
0
s
tSU:DAT
SDA setup time (vs. SCL rising edge)
250
ns
tSU:STO
Stop Condition setup time
4.0
s
tBUF
Bus free time
4.7
s
 Fast mode
100kHz ≤ fSCL ≤ 400kHz
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCL
SCL clock frequency
400
kHz
tHIGH
SCL clock “High” time
0.6
s
tLOW
SCL clock “Low” time
1.3
s
tR
SDA and SCL rise time
0.3
s
tF
SDA and SCL fall time
0.3
s
tHD:STA
Start Condition hold time
0.6
s
tSU:STA
Start Condition setup time
0.6
s
tHD:DAT
SDA hold time (vs. SCL falling edge)
0
s
tSU:DAT
SDA setup time (vs. SCL rising edge)
100
ns
tSU:STO
Stop Condition setup time
0.6
s
tBUF
Bus free time
1.3
s
tSP
Noise suppression pulse width
50
ns
[I
2C bus interface timing]
tHIGH
SCL
SDA
VIH
tLOW
tBUF
tHD:STA
tR
tF
tHD:DAT
tSU:DAT
tSU:STA
Stop
Start
Start
Stop
tSU:STO
VIL
VIH
VIL
tSP
SCL
VIH
VIL
1/fSCL


Similar Part No. - AK09916C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
More results

Similar Description - AK09916C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com